Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 126Page - Texas Instruments AM4376 Datasheet HTML 127Page - Texas Instruments AM4376 Datasheet HTML 128Page - Texas Instruments AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.2.2 Input Clock Specifications
The device has two clock inputs. Each clock input passes through an internal oscillator which can be connected
to an external crystal circuit (oscillator mode) or external LVCMOS square-wave digital clock source (bypass
mode). The oscillators automatically operate in bypass mode when their input is connected to an external
LVCMOS square-wave digital clock source. The oscillator associated with a specific clock input must be enabled
when the clock input is being used in either oscillator mode or bypass mode.
The OSC1 oscillator provides a 32.768-kHz reference clock to the real-time clock (RTC) and is connected to the
RTC_XTALIN and RTC_XTALOUT terminals. This clock source is referred to as the 32K oscillator
(CLK_32K_RTC) in the device-specific technical reference manual. OSC1 is disabled by default after power is
applied. This clock input is optional and may not be required if the RTC is configured to receive a clock from the
internal 32k RC oscillator (CLK_RC32K) or peripheral PLL (CLK_32KHZ) which receives a reference clock from
the OSC0 input.
The OSC0 oscillator provides a 19.2-MHz, 24-MHz, 25-MHz, or 26-MHz reference clock which is used to clock
all non-RTC functions and is connected to the XTALIN and XTALOUT terminals. This clock source is referred to
as the master oscillator (CLK_M_OSC) in the device-specific technical reference manual. OSC0 is enabled by
default after power is applied.
For more information related to recommended circuit topologies and crystal oscillator circuit requirements for
these clock inputs, see Section 5.12.2.3.
130
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com