Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments AM4376 Datasheet HTML 135Page - Texas Instruments AM4376 Datasheet HTML 136Page - Texas Instruments AM4376 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 261 page
background image
Device
XTALIN
VSS_OSC
XTALOUT
LVCMOS
Digital
Clock
Source
VDDS_OSC
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.2.3.2 OSC0 LVCMOS Digital Clock Source
Figure 5-12 shows the recommended oscillator connections when OSC0 is connected to an LVCMOS square-
wave digital clock source. The LVCMOS clock source is connected to the XTALIN terminal. In this mode of
operation, the XTALOUT terminal should not be used to source any external components. The printed circuit
board design should provide a mechanism to disconnect the XTALOUT terminal from any external components
or signal traces that may couple noise into OSC0 via the XTALOUT terminal.
The XTALIN terminal has a 15 - 40 k
Ω internal pulldown resistor which is enabled when OSC0 is disabled. This
internal resistor prevents the XTALIN terminal from floating to an invalid logic level which may increase leakage
current through the oscillator input buffer.
Figure 5-12. OSC0 LVCMOS Circuit Schematic
Table 5-15. OSC0 LVCMOS Reference Clock Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Frequency, LVCMOS reference clock
19.2, 24, 25,
MHz
or 26
f(XTALIN)
Frequency, LVCMOS reference clock stability and tolerance(1)
-50
50
ppm
tdc(XTALIN)
Duty cycle, LVCMOS reference clock period
45
55
%
tjpp(XTALIN)
Jitter peak-to-peak, LVCMOS reference clock period
-1
1
%
tR(XTALIN)
Time, LVCMOS reference clock rise
5
ns
tF(XTALIN)
Time, LVCMOS reference clock fall
5
ns
(1)
Initial accuracy, temperature drift, and aging effects should be combined when evaluating a reference clock for this requirement.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
133
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com