Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments AM4376 Datasheet HTML 135Page - Texas Instruments AM4376 Datasheet HTML 136Page - Texas Instruments AM4376 Datasheet HTML 137Page - Texas Instruments AM4376 Datasheet HTML 138Page - Texas Instruments AM4376 Datasheet HTML 139Page - Texas Instruments AM4376 Datasheet HTML 140Page - Texas Instruments AM4376 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 261 page
background image
Device
RTC_XTALIN
RTC_XTALOUT
N/C
N/C
VSS_RTC
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Figure 5-16. OSC1 Not Used Schematic
5.12.2.4 Output Clock Specifications
The device has two clock output signals. The CLKOUT1 signal can be configured to output the master oscillator
(CLK_M_OSC), EXTDEV_PLL, 32-kHz, or several other internal clocks. See the device-specific TRM for more
details. The CLKOUT2 signal can be configured to output the OSC1 input clock, which is referred to as the 32K
oscillator (CLK_32K_RTC) in the device-specific technical reference manual, or four other internal clocks. For
more information related to configuring these clock output signals, see the CLKOUT Signals section of the
device-specific technical reference manual.
5.12.2.5 Output Clock Characteristics
5.12.2.5.1 CLKOUT1
The CLKOUT1 signal can be output on the XDMA_EVENT_INTR0 terminal. This terminal connects to one of
seven internal signals via configurable multiplexers. The XDMA_EVENT_INTR0 multiplexer must be configured
for Mode 3 to connect the CLKOUT1 signal to the XDMA_EVENT_INTR0 terminal.
The default reset configuration of the XDMA_EVENT_INTR0 multiplexer is selected by the logic level applied to
the DSS_HSYNC terminal on the rising edge of PWRONRSTn. The XDMA_EVENT_INTR0 multiplexer is
configured to Mode 7 if the DSS_HSYNC terminal is low on the rising edge of PWRONRSTn or Mode 3 if the
DSS_HSYNC terminal is high on the rising edge of PWRONRSTn. This allows the CLKOUT1 signal to be output
on the XDMA_EVENT_INTR0 terminal without software intervention. In this mode, the output is held low while
PWRONRSTn is active and begins to toggle after PWRONRSTn is released.
5.12.2.5.2 CLKOUT2
The CLKOUT2 signal can be output on the XDMA_EVENT_INTR1 terminal. This terminal connects to one of
seven internal signals via configurable multiplexers. The XDMA_EVENT_INTR1 multiplexer must be configured
for Mode 3 to connect the CLKOUT2 signal to the XDMA_EVENT_INTR1 terminal.
The default reset configuration of the XDMA_EVENT_INTR1 multiplexer is always Mode 7. Software must
configure the XDMA_EVENT_INTR1 multiplexer to Mode 3 for the CLKOUT2 signal to be output on the
XDMA_EVENT_INTR1 terminal.
5.12.3
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays by board routings. As a good
board design practice, such delays must always be taken into account. Timing values may be adjusted by
increasing or decreasing such delays. TI recommends using the available IO buffer information specification
(IBIS) models to analyze the timing characteristics correctly. If needed, external logic hardware such as buffers
may be used to compensate any timing differences.
The timing parameter values specified in this data manual assume the SLEWCTRL bit in each pad control
register is configured for fast mode (0b).
For the LPDDR2, DDR3, and DDR3L memory interfaces, it is not necessary to use the IBIS models to analyze
timing characteristics. TI provides a PCB routing rules solution that describes the routing rules to ensure the
memory interface timings are met.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
137
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com