Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 137Page - Texas Instruments AM4376 Datasheet HTML 138Page - Texas Instruments AM4376 Datasheet HTML 139Page - Texas Instruments AM4376 Datasheet HTML 140Page - Texas Instruments AM4376 Datasheet HTML 141Page - Texas Instruments AM4376 Datasheet HTML 142Page - Texas Instruments AM4376 Datasheet HTML 143Page - Texas Instruments AM4376 Datasheet HTML 144Page - Texas Instruments AM4376 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 261 page
background image
MDIO_CLK (Output)
1
2
MDIO_DATA (Input)
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.7 Ethernet Media Access Controller (EMAC) and Switch
5.12.7.1 Ethernet MAC and Switch Electrical Data and Timing
The Ethernet MAC and Switch implemented in the device supports GMII mode, but the design does not pin out 9
of the 24 GMII signals. This was done to reduce the total number of package terminals. Therefore, the device
does not support GMII mode. MII mode is supported with the remaining GMII signals.
The AM437x Sitara Processors Technical Reference Manual (SPRUHL7) and this document may reference
internal signal names when discussing peripheral input and output signals because many of the package
terminals can be multiplexed to one of several peripheral signals. For example, the terminal names for port 1 of
the Ethernet MAC and switch have been changed from GMII to MII to indicate their Mode 0 function, but the
internal signal is named GMII. However, documents that describe the Ethernet switch reference these signals by
their internal signal name. For a cross-reference of internal signal names to terminal names, see Table 4-10.
Operation of the Ethernet MAC and switch in RGMII mode is not supported for OPP50.
Table 5-23. Ethernet MAC and Switch Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1(1)
5(1)
ns
tF
Input signal fall time
1(1)
5(1)
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
(1) Except when specified otherwise.
5.12.7.1.1 Ethernet MAC/Switch MDIO Electrical Data and Timing
Table 5-24. Timing Requirements for MDIO_DATA
(see Figure 5-19)
NO.
MIN
TYP
MAX
UNIT
1
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC high
90
ns
2
th(MDIO-MDC)
Hold time, MDIO valid from MDC high
0
ns
Figure 5-19. MDIO_DATA Timing - Input Mode
Table 5-25. Switching Characteristics for MDIO_CLK
(see Figure 5-20)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tc(MDC)
Cycle time, MDC
400
ns
2
tw(MDCH)
Pulse duration, MDC high
160
ns
3
tw(MDCL)
Pulse duration, MDC low
160
ns
4
tt(MDC)
Transition time, MDC
5
ns
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
141
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com