Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 142 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 138Page - Texas Instruments AM4376 Datasheet HTML 139Page - Texas Instruments AM4376 Datasheet HTML 140Page - Texas Instruments AM4376 Datasheet HTML 141Page - Texas Instruments AM4376 Datasheet HTML 142Page - Texas Instruments AM4376 Datasheet HTML 143Page - Texas Instruments AM4376 Datasheet HTML 144Page - Texas Instruments AM4376 Datasheet HTML 145Page - Texas Instruments AM4376 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 261 page
background image
GMII[x]_RXCLK
2
3
1
4
4
1
MDIO_CLK (Output)
MDIO_DATA (Output)
MDIO_CLK
2
3
1
4
4
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Figure 5-20. MDIO_CLK Timing
Table 5-26. Switching Characteristics for MDIO_DATA
(see Figure 5-21)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
td(MDC-MDIO)
Delay time, MDC high to MDIO valid
10
390
ns
Figure 5-21. MDIO_DATA Timing - Output Mode
5.12.7.1.2 Ethernet MAC and Switch MII Electrical Data and Timing
Table 5-27. Timing Requirements for GMII[x]_RXCLK - MII Mode
(see Figure 5-22)
10 Mbps
100 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(RX_CLK)
Cycle time, RX_CLK
399.96
400.04
39.996
40.004
ns
2
tw(RX_CLKH)
Pulse Duration, RX_CLK high
140
260
14
26
ns
3
tw(RX_CLKL)
Pulse Duration, RX_CLK low
140
260
14
26
ns
4
tt(RX_CLK)
Transition time, RX_CLK
5
5
ns
Figure 5-22. GMII[x]_RXCLK Timing - MII Mode
142
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com