Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 141Page - Texas Instruments AM4376 Datasheet HTML 142Page - Texas Instruments AM4376 Datasheet HTML 143Page - Texas Instruments AM4376 Datasheet HTML 144Page - Texas Instruments AM4376 Datasheet HTML 145Page - Texas Instruments AM4376 Datasheet HTML 146Page - Texas Instruments AM4376 Datasheet HTML 147Page - Texas Instruments AM4376 Datasheet HTML 148Page - Texas Instruments AM4376 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 261 page
background image
RMII[x]_REFCLK (input)
1
2
RMII[x]_RXD[1:0], RMII[x]_CRS_DV,
RMII[x]_RXER (inputs)
RMII[x]_REFCLK
(Input)
1
2
3
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.7.1.3 Ethernet MAC and Switch RMII Electrical Data and Timing
Table 5-31. Timing Requirements for RMII[x]_REFCLK - RMII Mode
(see Figure 5-26)
NO.
MIN
TYP
MAX
UNIT
1
tc(REF_CLK)
Cycle time, REF_CLK
19.999
20.001
ns
2
tw(REF_CLKH)
Pulse Duration, REF_CLK high
7
13
ns
3
tw(REF_CLKL)
Pulse Duration, REF_CLK low
7
13
ns
Figure 5-26. RMII[x]_REFCLK Timing - RMII Mode
Table 5-32. Timing Requirements for RMII[x]_RXD[1:0], RMII[x]_CRS_DV, and RMII[x]_RXER - RMII Mode
(see Figure 5-27)
NO.
MIN
TYP
MAX
UNIT
tsu(RXD-REF_CLK)
Setup time, RXD[1:0] valid before REF_CLK
1
tsu(CRS_DV-REF_CLK)
Setup time, CRS_DV valid before REF_CLK
4
ns
tsu(RX_ER-REF_CLK)
Setup time, RX_ER valid before REF_CLK
th(REF_CLK-RXD)
Hold time RXD[1:0] valid after REF_CLK
2
th(REF_CLK-CRS_DV)
Hold time, CRS_DV valid after REF_CLK
2
ns
th(REF_CLK-RX_ER)
Hold time, RX_ER valid after REF_CLK
Figure 5-27. RMII[x]_RXD[1:0], RMII[x]_CRS_DV, RMII[x]_RXER Timing - RMII Mode
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
145
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com