Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 144Page - Texas Instruments AM4376 Datasheet HTML 145Page - Texas Instruments AM4376 Datasheet HTML 146Page - Texas Instruments AM4376 Datasheet HTML 147Page - Texas Instruments AM4376 Datasheet HTML 148Page - Texas Instruments AM4376 Datasheet HTML 149Page - Texas Instruments AM4376 Datasheet HTML 150Page - Texas Instruments AM4376 Datasheet HTML 151Page - Texas Instruments AM4376 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 261 page
background image
RGMII[x]_TCLK
(A)
RGMII[x]_TD[3:0]
(B)
RGMII[x]_TCTL
(B)
1
1st Half-byte
TXERR
TXEN
2nd Half-byte
1
2
RGMII[x]_TCLK
4
4
2
3
1
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-36. Switching Characteristics for RGMII[x]_TCLK - RGMII Mode
(see Figure 5-31)
10 Mbps
100 Mbps
1000 Mbps
NO.
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(TXC)
Cycle time, TXC
360
440
36
44
7.2
8.8
ns
Pulse duration, TXC
2
tw(TXCH)
160
240
16
24
3.6
4.4
ns
high
3
tw(TXCL)
Pulse duration, TXC low
160
240
16
24
3.6
4.4
ns
4
tt(TXC)
Transition time, TXC
0.75
0.75
0.75
ns
Figure 5-31. RGMII[x]_TCLK Timing - RGMII Mode
Table 5-37. Switching Characteristics for RGMII[x]_TD[3:0], and RGMII[x]_TCTL - RGMII Mode
(see Figure 5-32)
10 Mbps
100 Mbps
1000 Mbps
NO.
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tsk(TD-TXC)
TD to TXC output skew
-0.5
0.5
-0.5
0.5
-0.5
0.5
1
ns
tsk(TX_CTL-TXC)
TX_CTL to TXC output skew
-0.5
0.5
-0.5
0.5
-0.5
0.5
tt(TD)
Transition time, TD
0.75
0.75
0.75
2
ns
tt(TX_CTL)
Transition time, TX_CTL
0.75
0.75
0.75
A.
The Ethernet MAC and switch implemented in the device supports internal TX delay mode.
B.
Data and control information is transmitted using both edges of the clocks. RGMII[x]_TD[3:0] carries data bits 3-0 on
the rising edge of RGMII[x]_TCLK and data bits 7-4 on the falling edge of RGMII[x]_TCLK. Similarly, RGMII[x]_TCTL
carries TXEN on rising edge of RGMII[x]_TCLK and TXERR of falling edge of RGMII[x]_TCLK.
Figure 5-32. RGMII[x]_TD[3:0], RGMII[x]_TCTL Timing - RGMII Mode
148
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com