Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 149 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 145Page - Texas Instruments AM4376 Datasheet HTML 146Page - Texas Instruments AM4376 Datasheet HTML 147Page - Texas Instruments AM4376 Datasheet HTML 148Page - Texas Instruments AM4376 Datasheet HTML 149Page - Texas Instruments AM4376 Datasheet HTML 150Page - Texas Instruments AM4376 Datasheet HTML 151Page - Texas Instruments AM4376 Datasheet HTML 152Page - Texas Instruments AM4376 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8 External Memory Interfaces
The device includes the following external memory interfaces:
•
General-purpose memory controller (GPMC)
•
LPDDR2, DDR3, and DDR3L Memory Interface (EMIF)
5.12.8.1 General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem and General-Purpose Memory Controller section
of the AM437x Sitara Processors Technical Reference Manual (SPRUHL7).
The GPMC is the unified memory controller used to interface external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
5.12.8.1.1 GPMC and NOR Flash—Synchronous Mode
Table 5-39 and Table 5-40 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-33 through Figure 5-37).
Table 5-38. GPMC and NOR Flash Timing Conditions—Synchronous Mode
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
0.3
1.8
ns
tF
Input signal fall time
0.3
1.8
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 5-39. GPMC and NOR Flash Timing Requirements—Synchronous Mode
OPP100
OPP50
NO.
UNIT
MIN
MAX
MIN
MAX
F12
tsu(dV-clkH)
Setup time, input data gpmc_ad[15:0] valid before output clock
3.5
13.2
ns
gpmc_clk high
F13
th(clkH-dV)
Hold time, input data gpmc_ad[15:0] valid after output clock
2.5
2.75
ns
gpmc_clk high
F21
tsu(waitV-clkH)
Setup time, input wait gpmc_wait[x](1) valid before output clock
3.5
13.2
ns
gpmc_clk high
F22
th(clkH-waitV)
Hold time, input wait gpmc_wait[x](1) valid after output clock
2.5
2.5
ns
gpmc_clk high
(1) In gpmc_wait[x], x is equal to 0 or 1.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
149
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com