Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 140Page - Texas Instruments AM4376 Datasheet HTML 141Page - Texas Instruments AM4376 Datasheet HTML 142Page - Texas Instruments AM4376 Datasheet HTML 143Page - Texas Instruments AM4376 Datasheet HTML 144Page - Texas Instruments AM4376 Datasheet HTML 145Page - Texas Instruments AM4376 Datasheet HTML 146Page - Texas Instruments AM4376 Datasheet HTML 147Page - Texas Instruments AM4376 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 261 page
background image
1
GMII[x]_TXCLK (input)
GMII[x]_TXD[3:0],
GMII[x]_TXEN (outputs)
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-30. Switching Characteristics for GMII[x]_TXD[3:0], and GMII[x]_TXEN - MII Mode
(see Figure 5-25)
10 Mbps
100 Mbps
NO.
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
td(TX_CLK-TXD)
Delay time, TX_CLK high to TXD[3:0] valid
1
5
25
5
25
ns
td(TX_CLK-TX_EN)
Delay time, TX_CLK to TX_EN valid
Figure 5-25. GMII[x]_TXD[3:0], GMII[x]_TXEN Timing - MII Mode
144
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com