Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 124Page - Texas Instruments AM4376 Datasheet HTML 125Page - Texas Instruments AM4376 Datasheet HTML 126Page - Texas Instruments AM4376 Datasheet HTML 127Page - Texas Instruments AM4376 Datasheet HTML 128Page - Texas Instruments AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.1.3 Power-Down Sequencing
PWRONRSTn input terminal should be taken low, which stops all internal clocks before power supplies are
turned off. All other external clocks to the device should be shut off.
The preferred way to sequence power down is to have all the power supplies ramped down sequentially in the
exact reverse order of the power-up sequencing. In other words, the power supply that has been ramped up first
should be the last one that is ramped down. This ensures there would be no spurious current paths during the
power-down sequence. The VDDS, VDDS_CLKOUT power supply must ramp down after all 3.3-V VDDSHVx
[x=1-11] power supplies.
If it is desired to ramp down VDDS, VDDS_CLKOUT and VDDSHVx [x=1-11] simultaneously, it should always be
ensured that the difference between VDDS, VDDS_CLKOUT and VDDSHVx [x=1-11] during the entire power-
down sequence is <2 V. Any violation of this could cause reliability risks for the device. Further, it is
recommended to maintain VDDS, VDDS_CLKOUT
≥1.5V as all the other supplies fully ramp down to minimize
in-rush currents.
If none of the VDDSHVx [x=1-11] power supplies are configured as 3.3 V, the VDDS, VDDS_CLKOUT power
supply may ramp down along with the VDDSHVx [x=1-11] supplies or after all the VDDSHVx [x=1-11] supplies
have ramped down. It is recommended to maintain VDDS, VDDS_CLKOUT
≥1.5V as all the other supplies fully
ramp down to minimize in-rush currents.
When using simplified power-down sequence, there are no power-down requirements between the VDDS,
VDDS_CLKOUT and VDDSHVx [x=1-11] supplies and are ramped down together without any reliability
concerns.
128
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com