Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments AM4376 Datasheet HTML 120Page - Texas Instruments AM4376 Datasheet HTML 121Page - Texas Instruments AM4376 Datasheet HTML 122Page - Texas Instruments AM4376 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.11 External Capacitors
To improve module performance, decoupling capacitors are required to suppress the switching noise generated
by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective when it is close to
the device, because this minimizes the inductance of the circuit board wiring and interconnects.
5.11.1 Voltage Decoupling Capacitors
Table 5-9 summarizes the Core voltage decoupling characteristics.
5.11.1.1 Core Voltage Decoupling Capacitors
To improve module performance, decoupling capacitors are required to suppress high-frequency switching noise
and to stabilize the supply voltage. A decoupling capacitor is most effective when located close to the device,
because this minimizes the inductance of the circuit board wiring and interconnects.
Table 5-9. Core Voltage Decoupling Characteristics
PARAMETER
TYP
UNIT
CVDD_CORE
(1)
10.08
μF
CVDD_MPU
(2)
10.05
μF
(1) The typical value corresponds to 1 capacitor of 10
μF and 8 capacitors of 10 nF.
(2) The typical value corresponds to 1 capacitor of 10
μF and 5 capacitors of 10 nF.
5.11.1.2 IO and Analog Voltage Decoupling Capacitors
Table 5-10 summarizes the power-supply decoupling capacitor recommendations.
Table 5-10. Power-Supply Decoupling Capacitor Characteristics
PARAMETER
TYP
UNIT
CVDDA_ADC0
10
nF
CVDDA_ADC1
10
nF
CVDDA1P8V_USB0
(1)
2.21
µF
CCVDDA3P3V_USB0
10
nF
CVDDA1P8V_USB1
10
nF
CVDDA3P3V_USB1
10
nF
CVDDS
(2)
10.04
μF
CVDDS_DDR
(3)
CVDDS_OSC
10
nF
CVDDS_PLL_DDR
10
nF
CVDDS_PLL_CORE_LCD
10
nF
CVDDS_SRAM_CORE_BG
(4)
10.01
µF
CVDDS_SRAM_MPU_BB
(5)
10.01
µF
CVDDS_PLL_MPU
10
nF
CVDDS_RTC
10
nF
CVDDS_CLKOUT
10
nF
CVDDS3P3V_IOLDO
10
nF
CVDDSHV1
(6)
10.02
μF
CVDDSHV2
(7)
10.06
μF
CVDDSHV3
(7)
10.06
μF
CVDDSHV5
(6)
10.02
μF
CVDDSHV6
(7)
10.06
μF
CVDDSHV7
(6)
10.02
μF
CVDDSHV8
(6)
10.02
μF
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
119
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com