Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments AM4376 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-6. ADC1 Electrical Parameters (continued)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
SAMPLING DYNAMICS
ADC Clock Frequency
13
MHz
ADC
Conversion Time
13
clock
cycles
ADC
Acquisition Time(5)
2
257
clock
cycles
Sampling Rate(6)
ADC Clock = 13 MHz
867
kSPS
(1) The ADC1_VREFP and ADC1_VREFN terminals should not be allowed to float to prevent noise from coupling into the ADC. If
ADC1_VREFN is not used to connect an external negative voltage reference to the ADC, connect it to VSSA_ADC. If ADC1_VREFP is
not used to connect an external positive voltage reference to the ADC, connect it to VSSA_ADC or VDDA_ADC1. Connecting
ADC1_VREFP to VSSA_ADC in this use case is the preferred option because VDDA_ADC1 may couple more noise into the ADC than
VSSA_ADC.
(2) If the application using ADC1 requires low distortion when operating in Gain mode, the preamplifier output should be limited to ±1.2 volts
differential. To get the full dynamic range of the ADC for this use case it will be necessary to provide a 0.3 volt reference for
ADC1_VREFN and 1.5 volt reference for ADC1_VREFP.
(3) The differential input impedance of each preamplifier is biased to VDDA_ADC1 divided by 2 with a 22k-50k ohm source. See the AFE
Functional Description section of the device-specific TRM for more information.
(4) This parameter is valid when the respective AIN terminal is configured to operate as a general-purpose ADC input.
(5) The maximum sample rate of ADC1 may be reduced when using the internal preamplifiers because the preamplifier outputs require 600
ns to settle. Sample Delay must be configured to provide a minimum acquisition time of 600 ns when using the preamplifiers.
An increase in acquisition time may reduce the maximum sample rate because the maximum sample rate is based on a minimum
acquisition time of 2 ADC clock cycles.
For example, the minimum Sample Delay value should be 6 when the preamplifiers are being used with a 13 MHz ADC clock. A Sample
Delay of 6 provides an acquisition time of 8 ADC clock cycles which reduces the maximum single input sample rate to 619 kSPS when
the acquisition time is combined with the conversion time of 13 ADC clock cycles.
(6) The maximum sample rate assumes a conversion time of 13 ADC clock cycles with the acquisition time configured for the minimum of 2
ADC clock cycles, where it takes a total of 15 ADC clock cycles to sample the analog input and convert it to a positive binary weighted
digital value.
116
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com