Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.8
ADC0: Touchscreen Controller and Analog-to-Digital Subsystem Electrical Parameters
The touchscreen controller (TSC) and analog-to-digital converter (ADC) subsystem (ADC0) contains a single-
channel ADC connected to an 8:1 analog multiplexer which operates as a general-purpose ADC with optional
support for interleaving TSC conversions for 4-wire, 5-wire, or 8-wire resistive panels. The ADC0 subsystem can
be configured for use in one of the following applications:
•
8 general-purpose ADC channels
•
4-wire TSC with 4 general-purpose ADC channels
•
5-wire TSC with 3 general-purpose ADC channels
•
8-wire TSC
Table 5-5 summarizes the ADC0 subsystem electrical parameters.
Table 5-5. ADC0 Electrical Parameters
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
ANALOG INPUT
(0.5 * VDDA_ADC0) +
ADC0_VREFP(1)
VDDA_ADC0
V
0.25
(0.5 * VDDA_ADC0) -
ADC0_VREFN(1)
0
V
0.25
ADC0_VREFP + ADC0_VREFN
VDDA_ADC0
V
Internal Voltage Reference
0
VDDA_ADC0
Full-scale Input Range
V
External Voltage Reference
ADC0_VREFN
ADC0_VREFP
Internal Voltage Reference:
Differential Nonlinearity
VDDA_ADC0 = 1.8 V
-1
0.5
1
LSB
(DNL)
External Voltage Reference:
VREFP - VREFN = 1.8 V
Source impedance = 50
Ω
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
-2
±1
2
External Voltage Reference:
VREFP - VREFN = 1.8 V
Integral Nonlinearity (INL)
LSB
Source Impedance = 1k
Ω
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
±1
External Voltage Reference:
VREFP - VREFN = 1.8 V
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
Gain Error
±2
LSB
External Voltage Reference:
VREFP - VREFN = 1.8 V
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
Offset Error
±2
LSB
External Voltage Reference:
VREFP - VREFN = 1.8 V
Input Sampling Capacitance
5.5
pF
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
Signal-to-Noise Ratio
External Voltage Reference:
70
dB
(SNR)
VREFP - VREFN = 1.8 V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
Internal Voltage Reference:
VDDA_ADC0 = 1.8 V
Total Harmonic Distortion
External Voltage Reference:
75
dB
(THD)
VREFP - VREFN = 1.8 V
Input Signal: 30 kHz sine wave at
-0.5 dB Full Scale
112
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com