Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.7
DC Electrical Characteristics
over recommended ranges of supply voltage and operating temperature (unless otherwise noted)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
DDR_CSn[1:0], DDR_CKE[1:0], DDR_CK, DDR_CKn, DDR_CASn, DDR_RASn, DDR_WEn, DDR_BA[2:0], DDR_A[15:0],
DDR_ODT[1:0], DDR_D[31:0], DDR_DQM[3:0], DDR_DQS[3:0], DDR_DQSn[3:0] pins (DDR3/DDR3L - HSTL mode)
High-level input voltage
VDDS_DDR =
DDR_VREF +
1.5 V
0.1
VIH
V
VDDS_DDR =
DDR_VREF +
1.35 V
0.09
VDDS_DDR =
DDR_VREF -
1.5 V
0.1
VIL
Low-level input voltage
V
VDDS_DDR =
DDR_VREF -
1.35 V
0.09
VHYS
Hysteresis voltage at an input
NA
V
High-level output voltage, driver enabled, pullup
IOH = 8 mA
VDDS_DDR -
VOH
V
or pulldown disabled
0.4
Low-level output voltage, driver enabled, pullup
IOL = 8 mA
0.4
VOL
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-10
10
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-240
-40
Input leakage current, Receiver disabled, pulldown enabled
40
240
Total leakage current through the terminal connection of a driver-
-10
10
IOZ
receiver combination that may include a pullup or pulldown. The
µA
driver output is disabled and the pullup or pulldown is inhibited.
DDR_CSn[1:0], DDR_CKE[1:0], DDR_CK, DDR_CKn, DDR_CASn, DDR_RASn, DDR_WEn, DDR_BA[2:0], DDR_A[15:0],
DDR_D[31:0], DDR_DQM[3:0], DDR_DQS[3:0], DDR_DQSn[3:0] pins (LPDDR2 - HSUL_12 mode)(2)
High-level input voltage
VDDS_DDR =
DDR_VREF +
VIH
V
1.2 V
0.13
VDDS_DDR =
DDR_VREF -
VIL
Low-level input voltage
V
1.2 V
0.13
VHYS
Hysteresis voltage at an input
NA
V
High-level output voltage, driver enabled, pullup
IOH = 8 mA
VDDS_DDR -
VOH
V
or pulldown disabled
0.4
Low-level output voltage, driver enabled, pullup
IOL = 8 mA
0.4
VOL
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-10
10
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-240
-40
Input leakage current, Receiver disabled, pulldown enabled
40
240
Total leakage current through the terminal connection of a driver-
-10
10
IOZ
receiver combination that may include a pullup or pulldown. The
µA
driver output is disabled and the pullup or pulldown is inhibited.
DDR_RESETn(3)
VIH
High-level input voltage
NA
VIL
Low-level input voltage
NA
VHYS
Hysteresis voltage at an input
NA
High-level output voltage, driver enabled, pullup
IOH = 8 mA
VDDS_DDR -
VOH
V
or pulldown disabled
0.4
Low-level output voltage, driver enabled, pullup
IOL = 8 mA
0.4
VOL
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-10
10
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-240
-24
Input leakage current, Receiver disabled, pulldown enabled
24
240
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
109
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com