Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
DC Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating temperature (unless otherwise noted)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
Total leakage current through the terminal connection of a driver-
-10
10
IOZ
receiver combination that may include a pullup or pulldown. The
µA
driver output is disabled and the pullup or pulldown is inhibited.
RTC_PWRONRSTn
0.65 *
VIH
High-level input voltage
V
VDDS_RTC
0.35 *
VIL
Low-level input voltage
V
VDDS_RTC
VHYS
Hysteresis voltage at an input
0.065
V
II
Input leakage current
-1
1
µA
RTC_PMIC_EN
High-level output voltage, driver enabled, pullup
VDDS_RTC -
VOH
IOH = 6 mA
V
or pulldown disabled
0.45
Low-level output voltage, driver enabled, pullup
VOL
IOL = 6 mA
0.45
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-1
1
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-200
-40
Input leakage current, Receiver disabled, pulldown enabled
40
200
Total leakage current through the terminal connection of a driver-
IOZ
receiver combination that may include a pullup or pulldown. The
-1
1
µA
driver output is disabled and the pullup or pulldown is inhibited.
RTC_WAKEUP
0.65 *
VIH
High-level input voltage
V
VDDS_RTC
0.35 *
VIL
Low-level input voltage
V
VDDS_RTC
VHYS
Hysteresis voltage at an input
0.15
V
Input leakage current, Receiver disabled, pullup or pulldown
-1
1
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-200
-40
Input leakage current, Receiver disabled, pulldown enabled
40
200
TCK (VDDSHV3 = 1.8 V)
VIH
High-level input voltage
1.45
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
Input leakage current, Receiver disabled, pullup or pulldown
-8
8
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-161
-100
-52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
TCK (VDDSHV3 = 3.3 V)
VIH
High-level input voltage
2.15
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
Input leakage current, Receiver disabled, pullup or pulldown
-18
18
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-243
-100
-19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
PWRONRSTn (VDDSHV3 = 1.8 V or 3.3 V)(4)
VIH
High-level input voltage
1.35
V
VIL
Low-level input voltage
0.5
V
110
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com