Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 103Page - Texas Instruments AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Recommended Operating Conditions (continued)
over junction temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
VDDS_CLKOUT
Supply voltage range for CLKOUT domain
1.71
1.8
1.89
V
USB0_VBUS
Voltage range for USB VBUS comparator input
0.000
5.000
5.250
V
USB1_VBUS
Voltage range for USB VBUS comparator input
0.000
5.000
5.250
V
USB0_ID
Voltage range for the USB ID input
V
(4)
USB1_ID
Voltage range for the USB ID input
V
(4)
Commercial Temperature
0
90
Operating Temperature
Industrial Temperature
-40
90
°C
Range, Tj
Extended Temperature
-40
105
(1) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
(2) VDDS should be supplied irrespective of 1.8-V or 3.3-V mode of operation of the dual-voltage IOs.
(3) For more details on power supply requirements, see Section 5.12.2.1.1.
(4) This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSSA_USB with a resistance less than 10
Ω or greater than 100 kΩ. The terminal
should be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to
any external voltage source.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
107
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com