Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 102Page - Texas Instruments AM4376 Datasheet HTML 103Page - Texas Instruments AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.5
Recommended Operating Conditions
over junction temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Supply voltage range for core domain; OPP100
1.056
1.100
1.144
VDD_CORE
V
Supply voltage range for core domain; OPP50
0.912
0.950
1.000
Supply voltage range for MPU domain, Nitro
1.272
1.325
1.378
Supply voltage range for MPU domain; Turbo
1.210
1.260
1.326
VDD_MPU
Supply voltage range for MPU domain; OPP120
1.152
1.200
1.248
V
Supply voltage range for MPU domain; OPP100
1.056
1.100
1.144
Supply voltage range for MPU domain; OPP50
0.912
0.950
1.000
Supply voltage range for RTC core domain
0.900
1.100
1.250
V
CAP_VDD_RTC(1)
VDDS_RTC
Supply voltage range for RTC domain
1.710
1.800
1.890
V
Supply voltage range for DDR IO domain (DDR3)
1.425
1.500
1.575
VDDS_DDR
Supply voltage range for DDR IO domain (DDR3L)
1.283
1.350
1.418
V
Supply voltage range for DDR IO domain (LPDDR2)
1.140
1.200
1.260
Supply voltage range for all dual-voltage IO domains
1.710
1.800
1.890
V
VDDS(2)
VDDS_SRAM_CORE_BG
Supply voltage range for Core SRAM LDOs, Analog
1.710
1.800
1.890
V
VDDS_SRAM_MPU_BB
Supply voltage range for MPU SRAM LDOs, Analog
1.710
1.800
1.890
V
Supply voltage range for DPLL DDR, Analog
1.710
1.800
1.890
V
VDDS_PLL_DDR(3)
Supply voltage range for DPLL CORE, EXTDEV, and LCD,
1.710
1.800
1.890
V
VDDS_PLL_CORE_LCD(3)
Analog
Supply voltage range for DPLL MPU, Analog
1.710
1.800
1.890
V
VDDS_PLL_MPU(3)
VDDS_OSC
Supply voltage range for system oscillator, Analog
1.710
1.800
1.890
V
Supply voltage range for USBPHY and DPLL PER, Analog,
1.710
1.800
1.890
V
VDDA1P8V_USB0(3)
1.8V
VDDA1P8V_USB1
Supply voltage range for USBPHY, Analog, 1.8V
1.710
1.800
1.890
V
VDDA3P3V_USB0
Supply voltage range for USBPHY, Analog, 3.3V
3.135
3.300
3.465
V
VDDA3P3V_USB1
Supply voltage range for USBPHY, Analog, 3.3V
3.135
3.300
3.465
V
VDDA_ADC0
Supply voltage range for ADC0, Analog
1.710
1.800
1.890
V
VDDA_ADC1
Supply voltage range for ADC1, Analog
1.710
1.800
1.890
V
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV1
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV2
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV3
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for CLKOUT voltage
VDDSHV5
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV6
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV7
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV8
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV9
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV10
V
domain
3.3-V operation
3.135
3.300
3.465
1.8-V operation
1.710
1.800
1.890
Supply voltage range for dual-voltage IO
VDDSHV11
V
domain
3.3-V operation
3.135
3.300
3.465
Supply voltage range for the DDR3/DDR3L HSTL, LPDDR2
0.49 *
0.50 *
0.51 *
DDR_VREF
V
HSUL_12 reference input
VDDS_DDR
VDDS_DDR
VDDS_DDR
VDDS3P3V_IOLDO
Supply voltage range for the dual-voltage IO LDO
3.135
3.3
3.465
V
106
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com