Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 115 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Table 5-6. ADC1 Electrical Parameters (continued)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Bypass mode
5.5
pF
Input Capacitance
Gain mode
2
pF
Differential Input
18
k
Ω
Impedance(3)
Bypass mode
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
External Voltage Reference:
70
ADC1_VREFP - ADC1_VREFN =
1.8 V
Input Signal: 30 kHz sine wave at
Signal-to-Noise Ratio
dB
-0.5 dB Full Scale
(SNR)
Gain mode
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
70
1.2 V
Input Signal: 5 kHz sine wave at
Full Scale
Bypass mode
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
External Voltage Reference:
75
ADC1_VREFP - ADC1_VREFN =
1.8 V
Input Signal: 30 kHz sine wave at
Total Harmonic Distortion
dB
-0.5 dB Full Scale
(THD)
Gain mode
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
75
1.2 V
Input Signal: 5 kHz sine wave at
Full Scale
Bypass mode
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
External Voltage Reference:
80
ADC1_VREFP - ADC1_VREFN =
1.8 V
Input Signal: 30 kHz sine wave at
Spurious Free Dynamic
dB
-0.5 dB Full Scale
Range
Gain mode
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
80
1.2 V
Input Signal: 5 kHz sine wave at
Full Scale
Bypass mode
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
External Voltage Reference:
69
ADC1_VREFP - ADC1_VREFN =
1.8 V
Input Signal: 30 kHz sine wave at
Signal-to-Noise Plus
dB
-0.5 dB Full Scale
Distortion
Gain mode
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
69
1.2 V
Input Signal: 5 kHz sine wave at
Full Scale
ADC1_VREFP and ADC1_VREFN Input Impedance
20
k
Ω
Input Impedance of
f = input frequency
[1/((65.97 x 10-12) x f)]
Ω
ADC1_AIN[7:0](4)
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
115
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com