Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments AM4376 Datasheet HTML 120Page - Texas Instruments AM4376 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.10 Thermal Characteristics
Failure to maintain a junction temperature within the range specified in Section 5.5 reduces operating lifetime,
reliability, and performance—and may cause irreversible damage to the system. Therefore, the product design
cycle should include thermal analysis to verify the maximum operating junction temperature of the device. It is
important this thermal analysis is performed using specific system use cases and conditions. TI provides an
application report to aid users in overcoming some of the existing challenges of producing a good thermal
design. For more information, see AM43xx Thermal Considerations.
Table 5-7 and Table 5-8 provide thermal characteristics for the packages used on this device.
NOTE
These tables provide simulation data and may not represent actual use-case values.
Table 5-7. Thermal Resistance Characteristics (NFBGA Package) [ZDN]: –80 Speed Grade
over operating free-air temperature range (unless otherwise noted)
NAME
DESCRIPTION
ZDN
AIR FLOW
(°C/W)(1) (2)
(m/s)(1) (3)
R
ΘJC
Junction-to-case
6.46
NA
R
ΘJB
Junction-to-board
10.34
NA
R
ΘJA
Junction-to-free air
22.4
0.0
18.8
0.5
17.7
1.0
16.7
2.0
16.2
3.0
PsiJT
Junction-to-package top
1.33
0.0
1.39
0.5
1.44
1.0
1.51
2.0
1.56
3.0
PsiJB
Junction-to-board
10.80
0.0
10.38
0.5
10.26
1.0
10.12
2.0
10.02
3.0
(1)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
ΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(2)
°C/W = degrees Celsius per watt.
(3)
m/s = meters per second.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
117
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com