Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 173 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 169Page - Texas Instruments AM4376 Datasheet HTML 170Page - Texas Instruments AM4376 Datasheet HTML 171Page - Texas Instruments AM4376 Datasheet HTML 172Page - Texas Instruments AM4376 Datasheet HTML 173Page - Texas Instruments AM4376 Datasheet HTML 174Page - Texas Instruments AM4376 Datasheet HTML 175Page - Texas Instruments AM4376 Datasheet HTML 176Page - Texas Instruments AM4376 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 261 page
background image
DQU7
DQU0
DMU
DQSU
DQSUn
DQL7
DQL0
DML
DQSL
DQSLn
CKn
16-Bit DDR3
Device
0.1 µF
49.9
1 , 20 mW
(± %
)
0.1 µF
0.1 µF
16-Bit DDR3
Interface
DDR_D15
DDR_D8
DDR_DQM1
DDR_DQS1
DDR_DQSn1
DDR_D7
DDR_D0
DDR_DQM0
DDR_DQS0
DDR_DQSn0
DDR_CK
DDR_CKn
DDR_ODT0
DDR_CSn0
DDR_BA0
DDR_BA1
DDR_BA2
DDR_A0
DDR_A15
DDR_CASn
DDR_RASn
DDR_WEn
DDR_CKE0
DDR_RESETn
DDR_VREF
DDR_VTP
8
8
16
CK
ODT
BA1
BA0
BA2
CSn
A0
A15
CASn
RASn
WEn
RESETn
CKE
ZQ
VREFDQ
VREFCA
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
VDDS_DDR
Termination is required. See terminator comments.
Zo
Value determined according to the DDR3 memory device data sheet.
ZQ
0.1 µF
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Figure 5-49. 16-Bit DDR3 Interface Using One 16-Bit DDR3 Device With VTT Termination
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
173
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com