Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 175 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 171Page - Texas Instruments AM4376 Datasheet HTML 172Page - Texas Instruments AM4376 Datasheet HTML 173Page - Texas Instruments AM4376 Datasheet HTML 174Page - Texas Instruments AM4376 Datasheet HTML 175Page - Texas Instruments AM4376 Datasheet HTML 176Page - Texas Instruments AM4376 Datasheet HTML 177Page - Texas Instruments AM4376 Datasheet HTML 178Page - Texas Instruments AM4376 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 261 page
background image
DQ7
DQ0
DQS
DQSn
DQ7
DQ0
DQS
DQSn
CKn
8-Bit DDR3
Devices
0.1 µF
49.9
1 , 20 mW
(± %
)
0.1 µF
0.1 µF
16-Bit DDR3
Interface
DDR_D15
DDR_D8
DDR_DQS1
DDR_DQSn1
DDR_D7
DDR_D0
DDR_DQS0
DDR_DQSn0
DDR_CK
DDR_CKn
DDR_ODT0
DDR_CSn0
DDR_BA0
DDR_BA1
DDR_BA2
DDR_A0
DDR_A15
DDR_CASn
DDR_RASn
DDR_WEn
DDR_CKE0
DDR_RESETn
DDR_VREF
DDR_VTP
8
8
16
CK
ODT
BA1
BA0
BA2
CSn
A0
A15
CASn
RASn
WEn
RESETn
CKE
ZQ
VREFDQ
VREFCA
ZQ
CKn
CK
ODT
BA1
BA0
BA2
CSn
A0
A15
CASn
RASn
WEn
RESETn
CKE
ZQ
VREFDQ
VREFCA
Termination is required. See terminator comments.
Zo
Value determined according to the DDR3 memory device data sheet.
ZQ
0.1 µF
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
VDDS_DDR
TDQSn
NC
NC
TDQSn
0.1 µF
DM/TDQS
DDR_DQM1
DM/TDQS
DDR_DQM0
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Figure 5-51. 16-Bit DDR3 Interface Using Two 8-Bit DDR3 Devices With VTT Termination
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
175
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com