Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 174Page - Texas Instruments AM4376 Datasheet HTML 175Page - Texas Instruments AM4376 Datasheet HTML 176Page - Texas Instruments AM4376 Datasheet HTML 177Page - Texas Instruments AM4376 Datasheet HTML 178Page - Texas Instruments AM4376 Datasheet HTML 179Page - Texas Instruments AM4376 Datasheet HTML 180Page - Texas Instruments AM4376 Datasheet HTML 181Page - Texas Instruments AM4376 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.8.2.1.3.2 Compatible JEDEC DDR3 Devices
Table 5-51 shows the parameters of the JEDEC DDR3 devices that are compatible with this interface.
Table 5-51. Compatible JEDEC DDR3 Devices (Per Interface)
NO.
PARAMETER
CONDITION
MIN
MAX
UNIT
tC(DDR_CK) and
1
JEDEC DDR3 device speed grade
DDR3-1600
tC(DDR_CKn) = 2.5ns
2
JEDEC DDR3 device bit width
x8
x32
3
JEDEC DDR3 device count(1)
1
4
Devices
(1) For valid DDR3 device configurations and device counts, see Section 5.12.8.2.1.3.1, Figure 5-49, and Figure 5-51.
5.12.8.2.1.3.3 DDR3 PCB Stackup
The minimum stackup for routing the DDR3 interface is a four-layer stack up as shown in Table 5-52. Additional
layers may be added to the PCB stackup to accommodate other circuitry, enhance signal integrity and
electromagnetic interference performance, or to reduce the size of the PCB footprint.
Table 5-52. Minimum PCB Stackup(1)
LAYER
TYPE
DESCRIPTION
1
Signal
Top signal routing
2
Plane
Ground
3
Plane
Split Power Plane
4
Signal
Bottom signal routing
(1) All signals that have critical signal integrity requirements should be routed first on layer 1. It may not be possible to route all of these
signals on layer 1 which requires some to be routed on layer 4. When this is done, the signal routes on layer 4 should not cross splits in
the power plane.
Table 5-53. PCB Stackup Specifications(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing and plane layers
4
2
Signal routing layers
2
3
Full ground reference layers under DDR3 routing region(2)
1
4
Full VDDS_DDR power reference layers under the DDR3 routing region(2)
1
5
Number of reference plane cuts allowed within DDR3 routing region(3)
0
6
Number of layers between DDR3 routing layer and reference plane(4)
0
7
PCB routing feature size
4
mils
8
PCB trace width, w
4
mils
9
PCB BGA escape via pad size(5)
18
20
mils
10
PCB BGA escape via hole size
10
mils
13
Single-ended impedance, Zo(6)
50
75
ohms
14
Impedance control(7)(8)
Zo-5
Zo
Zo+5
ohms
(1) For the DDR3 device BGA pad size, see the DDR3 device manufacturer documentation.
(2) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(3) No traces should cross reference plane cuts within the DDR3 routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(4) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(5) An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(6) Zo is the nominal singled-ended impedance selected for the PCB.
(7) This parameter specifies the AC characteristic impedance tolerance for each segment of a PCB signal trace relative to the chosen Zo
defined by the single-ended impedance parameter.
(8) Tighter impedance control is required to ensure flight time skew is minimal.
178
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com