Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 177Page - Texas Instruments AM4376 Datasheet HTML 178Page - Texas Instruments AM4376 Datasheet HTML 179Page - Texas Instruments AM4376 Datasheet HTML 180Page - Texas Instruments AM4376 Datasheet HTML 181Page - Texas Instruments AM4376 Datasheet HTML 182Page - Texas Instruments AM4376 Datasheet HTML 183Page - Texas Instruments AM4376 Datasheet HTML 184Page - Texas Instruments AM4376 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2.1.3.7 DDR3 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR3 interface operation. It is particularly important to
minimize the parasitic series inductance of the HS bypass capacitors, device DDR3 power, and device DDR3
ground connections. Table 5-56 contains the specification for the HS bypass capacitors as well as for the power
connections on the PCB. Generally speaking, it is good to:
1. Fit as many HS bypass capacitors as possible.
2. Minimize the distance from the bypass cap to the power terminals being bypassed.
3. Use the smallest physical sized capacitors possible with the highest capacitance readily available.
4. Connect the bypass capacitor pads to their vias using the widest traces possible and using the largest hole
size via possible.
5. Minimize via sharing. Note the limites on via sharing shown in Table 5-56.
Table 5-56. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
HS bypass capacitor package size(1)
0201
0402
10 mils
2
Distance, HS bypass capacitor to VDDS_DDR and VSS terminal being
400
mils
bypassed(2)(3)(4)
3
VDDS_DDR HS bypass capacitor count
20
Devices
4
VDDS_DDR HS bypass capacitor total capacitance
1
μF
5
Trace length from VDDS_DDR and VSS terminal to connection via(2)
35
70
mils
6
Distance, HS bypass capacitor to DDR3 device being bypassed(5)
150
mils
7
DDR3 device HS bypass capacitor count(6)
12
Devices
8
DDR3 device HS bypass capacitor total capacitance(6)
0.85
μF
9
Number of connection vias for each HS bypass capacitor(7)(8)
2
Vias
10
Trace length from bypass capacitor connect to connection via(2)(8)
35
100
mils
11
Number of connection vias for each DDR3 device power and ground
1
Vias
terminal(9)
12
Trace length from DDR3 device power and ground terminal to connection
35
60
mils
via(2)(7)
(1) LxW, 10-mil units; for example, a 0402 is a 40x20-mil surface-mount capacitor.
(2) Closer and shorter is better.
(3) Measured from the nearest VDDS_DDR and ground terminal to the center of the capacitor package.
(4) Three of these capacitors should be located underneath the device, between the cluster of VDDS_DDR and ground terminals, between
the DDR3 interfaces on the package.
(5) Measured from the DDR3 device power and ground terminal to the center of the capacitor package.
(6) Per DDR3 device.
(7) An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board. No sharing of
vias is permitted on the same side of the board.
(8) An HS bypass capacitor may share a via with a DDR3 device mounted on the same side of the PCB. A wide trace should be used for
the connection and the length from the capacitor pad to the DDR3 device pad should be less than 150 mils.
(9) Up to a total of two pairs of DDR3 power and ground terminals may share a via.
5.12.8.2.1.3.8 Return Current Bypass Capacitors
Use additional bypass capacitors if the return current reference plane changes due to DDR3 signals hopping
from one signal layer to another. The bypass capacitor here provides a path for the return current to hop planes
along with the signal. As many of these return current bypass capacitors should be used as possible. Because
these are returns for signal current, the signal via size may be used for these capacitors.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
181
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com