Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 179Page - Texas Instruments AM4376 Datasheet HTML 180Page - Texas Instruments AM4376 Datasheet HTML 181Page - Texas Instruments AM4376 Datasheet HTML 182Page - Texas Instruments AM4376 Datasheet HTML 183Page - Texas Instruments AM4376 Datasheet HTML 184Page - Texas Instruments AM4376 Datasheet HTML 185Page - Texas Instruments AM4376 Datasheet HTML 186Page - Texas Instruments AM4376 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 261 page
background image
A1
A2
Device
Address and Control
Output Buffer
DDR3 Address and Control Input Buffers
A3
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
Device
Differential Clock
Output Buffer
DDR3 Differential CK Input Buffers
Routed as Differential Pair
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
AT
Rcp
Cac
VDDS_DDR
0.1 µF
+
–
+ –
+ –
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2.1.4 DDR3 CK and ADDR_CTRL Topologies and Routing Definition
The CK and ADDR_CTRL net classes are routed similarly and are length matched to minimize skew between
them. CK is a bit more complicated because it runs at a higher transition rate and is differential. The following
subsections show the topology and routing for various DDR3 configurations for CK and ADDR_CTRL. The
figures in the following subsections define the terms for the routing specification detailed in Table 5-59.
5.12.8.2.1.4.1 Using Two DDR3 Devices (x8 or x16)
Two DDR3 devices are supported on the DDR3 interface consisting of two x8 DDR3 devices arranged as one
16-bit bank or two x16 DDR3 devices arranged as one 32-bit bank. These two devices may be mounted on one
side of the PCB, or may be mirrored in a pair to save board space at a cost of increased routing complexity and
parts on the backside of the PCB.
5.12.8.2.1.4.2 CK and ADDR_CTRL Topologies, Two DDR3 Devices
Figure 5-56 shows the topology of the CK net classes and Figure 5-57 shows the topology for the corresponding
ADDR_CTRL net classes.
NOTE: For routing definitions, see Table 5-59, CK and ADDR_CTRL Routing Specification.
Figure 5-56. CK Topology for Two DDR3 Devices
NOTE: For routing definitions, see Table 5-59, CK and ADDR_CTRL Routing Specification.
Figure 5-57. ADDR_CTRL Topology for Two DDR3 Devices
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
183
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com