Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 182 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 178Page - Texas Instruments AM4376 Datasheet HTML 179Page - Texas Instruments AM4376 Datasheet HTML 180Page - Texas Instruments AM4376 Datasheet HTML 181Page - Texas Instruments AM4376 Datasheet HTML 182Page - Texas Instruments AM4376 Datasheet HTML 183Page - Texas Instruments AM4376 Datasheet HTML 184Page - Texas Instruments AM4376 Datasheet HTML 185Page - Texas Instruments AM4376 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.8.2.1.3.9 DDR3 Net Classes
Table 5-57 lists the clock net classes for the DDR3 interface. Table 5-58 lists the signal net classes, and
associated clock net classes, for signals in the DDR3 interface. These net classes are used for the termination
and routing rules that follow.
Table 5-57. Clock Net Class Definitions
CLOCK NET CLASS
PIN NAMES
CK
DDR_CK and DDR_CKn
DQS0
DDR_DQS0 and DDR_DQSn0
DQS1
DDR_DQS1 and DDR_DQSn1
DQS2
DDR_DQS2 and DDR_DQSn2
DQS3
DDR_DQS3 and DDR_DQSn3
Table 5-58. Signal Net Class Definitions
ASSOCIATED CLOCK
SIGNAL NET CLASS
PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR_BA[2:0], DDR_A[15:0], DDR_CSn0, DDR_CSn1, DDR_CASn,
DDR_RASn, DDR_WEn, DDR_CKE0, DDR_CKE1, DDR_ODT0,
DDR_ODT1
DQ0
DQS0
DDR_D[7:0], DDR_DQM0
DQ1
DQS1
DDR_D[15:8], DDR_DQM1
DQ2
DQS2
DDR_D[23:16], DDR_DQM2
DQ3
DQS3
DDR_D[31:24], DDR_DQM3
5.12.8.2.1.3.10 DDR3 Signal Termination
Signal terminations are required for the CK and ADDR_CTRL net class signals. On-device terminations (ODTs)
are required on the DQS[x] and DQ[x] net class signals. Detailed termination specifications are covered in the
routing rules in the following sections.
Figure 5-50 provides an example DDR3 schematic with one 16-bit DDR3 memory device that does not have VTT
termination on the address and control signals. A typical DDR3 point-to-point topology may provide acceptable
signal integrity without VTT termination. System performance should be verified by performing signal integrity
analysis using specific PCB design details before implementing this topology.
5.12.8.2.1.3.11 DDR3 DDR_VREF Routing
DDR_VREF is used as a reference by the input buffers of the DDR3 memories as well as the device.
DDR_VREF is intended to be half the DDR3 power supply voltage and is typically generated with a voltage
divider connected to the VDDS_DDR power supply. It should be routed as a nominal 20-mil wide trace with 0.1
µF bypass capacitors near each device connection. Narrowing of DDR_VREF is allowed to accommodate routing
congestion.
5.12.8.2.1.3.12 DDR3 VTT
Like DDR_VREF, the nominal value of the VTT supply is half the DDR3 supply voltage. Unlike DDR_VREF, VTT
is expected to source and sink current, specifically the termination current for the ADDR_CTRL net class
Thevinen terminators. VTT is needed at the end of the address bus and it should be routed as a power sub-
plane. VTT should be bypassed near the terminator resistors.
182
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com