Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 171 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 167Page - Texas Instruments AM4376 Datasheet HTML 168Page - Texas Instruments AM4376 Datasheet HTML 169Page - Texas Instruments AM4376 Datasheet HTML 170Page - Texas Instruments AM4376 Datasheet HTML 171Page - Texas Instruments AM4376 Datasheet HTML 172Page - Texas Instruments AM4376 Datasheet HTML 173Page - Texas Instruments AM4376 Datasheet HTML 174Page - Texas Instruments AM4376 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 261 page
background image
DDR_CK
1
DDR_CKn
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2 Memory Interface
The device has a dedicated interface to LPDDR2, DDR3, and DDR3L SDRAM. It supports JEDEC standard
compliant LPDDR2, DDR3, and DDR3L SDRAM devices with a 16- or 32-bit data path to external SDRAM
memory.
For more details on the LPDDR2, DDR3, and DDR3L memory interface, see the EMIF section of the AM437x
Sitara Processors Technical Reference Manual (SPRUHL7).
5.12.8.2.1 DDR3 and DDR3L Routing Guidelines
This section provides the timing specification for the DDR3 and DDR3L interface as a PCB design and
manufacturing specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity,
cross-talk, and signal timing. These rules, when followed, result in a reliable DDR3 or DDR3L memory system
without the need for a complex timing closure process. For more information regarding the guidelines, see the
Understanding TI’s PCB Routing Rule-Based DDR Timing Specification application report (literature number
SPRAAV0). This application report provides generic guidelines and approach. All the specifications provided in
the data manual take precedence over the generic guidelines and must be adhered to for a reliable DDR3 or
DDR3L interface operation.
NOTE
All references to DDR3 in this section apply to DDR3 and DDR3L devices, unless otherwise noted.
5.12.8.2.1.1 Board Designs
TI only supports board designs using DDR3 memory that follow the guidelines in this document. The switching
characteristics and timing diagram for the DDR3 memory interface are shown in Table 5-49 and Figure 5-48.
Table 5-49. Switching Characteristics for DDR3 Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
tc(DDR_CK)
1
Cycle time, DDR_CK and DDR_CKn
2.5
3.3(1)
ns
tc(DDR_CKn)
(1) The JEDEC JESD79-3F Standard defines the maximum clock period of 3.3 ns for all standard-speed bin DDR3 and DDR3L memory
devices. Therefore, all standard-speed bin DDR3 and DDR3L memory devices are required to operate at 303 MHz.
Figure 5-48. DDR3 Memory Interface Clock Timing
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
171
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com