Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 240 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 236Page - Texas Instruments AM4376 Datasheet HTML 237Page - Texas Instruments AM4376 Datasheet HTML 238Page - Texas Instruments AM4376 Datasheet HTML 239Page - Texas Instruments AM4376 Datasheet HTML 240Page - Texas Instruments AM4376 Datasheet HTML 241Page - Texas Instruments AM4376 Datasheet HTML 242Page - Texas Instruments AM4376 Datasheet HTML 243Page - Texas Instruments AM4376 Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 261 page
background image
EDC_LATCHx_IN
3
2
1
EDIO_SOF
3
2
6
5
1
4
EDIO_DATA_IN[7:0]
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-112. PRU-ICSS ECAT Timing Requirements - Input Validated With Start of Frame (SOF)
(see Figure 5-130)
NO.
MIN
MAX
UNIT
1
tw(EDIO_SOF)
Pulse duration, EDIO_SOF
4*P(1)
5*P(1)
ns
2
tr(EDIO_SOF)
Rising time, EDIO_SOF
1.00
3.00
ns
3
tf(EDIO_SOF)
Falling time, EDIO_SOF
1.00
3.00
ns
4
tsu(EDIO_DATA_IN-
Setup time, EDIO_DATA_IN valid before EDIO_SOF
20.00
ns
EDIO_SOF)
active edge
5
th(EDIO_SOF-EDIO_DATA_IN) Hold time, EDIO_DATA_IN valid after EDIO_SOF active
20.00
ns
edge
6
tr(EDIO_DATA_IN)
Rising time, EDIO_DATA_IN
1.00
3.00
ns
tf(EDIO_DATA_IN)
Falling time, EDIO_DATA_IN
1.00
3.00
ns
(1)
P = PRU-ICSS IEP clock source period.
Figure 5-130. PRU-ICSS ECAT Input Validated With SOF
Table 5-113. PRU-ICSS ECAT Timing Requirements - LATCHx_IN
(see Figure 5-131)
NO.
MIN
MAX
UNIT
1
tw(EDC_LATCHx_IN)
Pulse duration, EDC_LATCHx_IN
3*P(1)
ns
2
tr(EDC_LATCHx_IN)
Rising time, EDC_LATCHx_IN
1.00
3.00
ns
3
tf(EDC_LATCHx_IN)
Falling time, EDC_LATCHx_IN
1.00
3.00
ns
(1)
P = PRU-ICSS IEP clock source period.
Figure 5-131. PRU-ICSS ECAT LATCHx_IN Timing
240
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com