Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 240Page - Texas Instruments AM4376 Datasheet HTML 241Page - Texas Instruments AM4376 Datasheet HTML 242Page - Texas Instruments AM4376 Datasheet HTML 243Page - Texas Instruments AM4376 Datasheet HTML 244Page - Texas Instruments AM4376 Datasheet HTML 245Page - Texas Instruments AM4376 Datasheet HTML 246Page - Texas Instruments AM4376 Datasheet HTML 247Page - Texas Instruments AM4376 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 261 page
background image
3
2
Start
Bit
Data Bits
UART_TXD
5
Data Bits
Bit
Start
4
UART_RXD
1
MII_TXCLK (input)
MII_TXD[3:0],
MII_TXEN (outputs)
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-122. PRU-ICSS MII_RT Switching Characteristics - MII_TXD[3:0] and MII_TXEN
(see Figure 5-138)
10 Mbps
100 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
td(TX_CLK-TXD)
Delay time, TX_CLK high to TXD[3:0] valid
1
5
25
5
25
ns
td(TX_CLK-TX_EN)
Delay time, TX_CLK to TX_EN valid
Figure 5-138. PRU-ICSS MII_TXD[3:0], MII_TXEN Timing
5.12.16.4 PRU-ICSS Universal Asynchronous Receiver Transmitter (PRU-ICSS UART)
Table 5-123. Timing Requirements for PRU-ICSS UART Receive
(see Figure 5-139)
NO.
MIN
MAX
UNIT
3
tw(RX)
Pulse width, receive start, stop, data bit
0.96U(1)
1.05U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
Table 5-124. Switching Characteristics Over Recommended Operating Conditions for PRU-ICSS UART
Transmit
(see Figure 5-139)
NO.
MIN
MAX
UNIT
1
fbaud(baud)
Maximum programmable baud rate
0
12
MHz
2
tw(TX)
Pulse width, transmit start, stop, data bit
U - 2(1)
U + 2(1)
ns
(1)
U = UART baud time = 1/programmed baud rate.
Figure 5-139. PRU-ICSS UART Timing
244
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com