Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 241 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 237Page - Texas Instruments AM4376 Datasheet HTML 238Page - Texas Instruments AM4376 Datasheet HTML 239Page - Texas Instruments AM4376 Datasheet HTML 240Page - Texas Instruments AM4376 Datasheet HTML 241Page - Texas Instruments AM4376 Datasheet HTML 242Page - Texas Instruments AM4376 Datasheet HTML 243Page - Texas Instruments AM4376 Datasheet HTML 244Page - Texas Instruments AM4376 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 261 page
background image
MDIO_CLK (Output)
1
2
MDIO_DATA (Input)
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Table 5-114. PRU-ICSS ECAT Switching Requirements - Digital IOs
NO.
MIN
MAX
UNIT
1
tw(EDIO_OUTVALID)
Pulse duration, EDIO_OUTVALID
14*P(1)
32*P(1)
ns
2
tr(EDIO_OUTVALID)
Rising time, EDIO_OUTVALID
1.00
3.00
ns
3
tf(EDIO_OUTVALID)
Falling time, EDIO_OUTVALID
1.00
3.00
ns
4
td(EDIO_OUTVALID-
Delay time, EDIO_OUTVALID to EDIO_DATA_OUT
0.00
18*P(1)
ns
EDIO_DATA_OUT)
5
tr(EDIO_DATA_OUT)
Rising time, EDIO_DATA_OUT
1.00
3.00
ns
6
tf(EDIO_DATA_OUT)
Falling time, EDIO_DATA_OUT
1.00
3.00
ns
7
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
8.00
ns
(1)
P = PRU-ICSS IEP clock source period.
5.12.16.3 PRU-ICSS MII_RT and Switch
Table 5-115. PRU-ICSS MII_RT Switch Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tr
Input signal rise time
1(1)
5(1)
ns
tf
Input signal fall time
1(1)
5(1)
ns
Output Condition
CLOAD
Output load capacitance
20
pF
(1)
Except when specified otherwise.
5.12.16.3.1 PRU-ICSS MDIO Electrical Data and Timing
Table 5-116. PRU-ICSS MDIO Timing Requirements - MDIO_DATA
(see Figure 5-132)
NO.
MIN
TYP
MAX
UNIT
1
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC high
90
ns
2
th(MDIO-MDC)
Hold time, MDIO valid from MDC high
0
ns
Figure 5-132. PRU-ICSS MDIO_DATA Timing - Input Mode
Table 5-117. PRU-ICSS MDIO Switching Characteristics - MDIO_CLK
(see Figure 5-133)
NO.
MIN
TYP
MAX
UNIT
1
tc(MDC)
Cycle time, MDC
400
ns
2
tw(MDCH)
Pulse duration, MDC high
160
ns
3
tw(MDCL)
Pulse duration, MDC low
160
ns
4
tt(MDC)
Transition time, MDC
5
ns
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
241
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com