Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 245 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 245 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 241Page - Texas Instruments AM4376 Datasheet HTML 242Page - Texas Instruments AM4376 Datasheet HTML 243Page - Texas Instruments AM4376 Datasheet HTML 244Page - Texas Instruments AM4376 Datasheet HTML 245Page - Texas Instruments AM4376 Datasheet HTML 246Page - Texas Instruments AM4376 Datasheet HTML 247Page - Texas Instruments AM4376 Datasheet HTML 248Page - Texas Instruments AM4376 Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.17 Multimedia Card (MMC) Interface
For more information, see the Multimedia Card (MMC) section of the AM437x ARM Cortex-A9 Microprocessors
(MPUs) Technical Reference Manual (SPRUHL7).
5.12.17.1 MMC Electrical Data and Timing
Table 5-125. MMC Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tr
Input signal rise time
1
5
ns
tf
Input signal fall time
1
5
ns
Output Condition
Cload
Output load capacitance
3
30
pF
Table 5-126. Timing Requirements for MMC[0]_CMD and MMC[0]_DAT[7:0]
(see Figure 5-140)
OPP50/OPP100
NO.
1.8 V
3.3 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Setup time, MMC_CMD valid before
1
tsu(CMDV-CLKH)
4.1
4.1
ns
MMC_CLK rising clock edge
Hold time, MMC_CMD valid after
2
th(CLKH-CMDV)
1.5
1.5
ns
MMC_CLK rising clock edge
Setup time, MMC_DATx valid before
3
tsu(DATV-CLKH)
4.1
4.1
ns
MMC_CLK rising clock edge
Hold time, MMC_DATx valid after
4
th(CLKH-DATV)
1.5
1.5
ns
MMC_CLK rising clock edge
Table 5-127. Timing Requirements for MMC[1/2]_CMD and MMC[1/2]_DAT[7:0]
(see Figure 5-140)
OPP50/OPP100
NO.
1.8 V
3.3 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Setup time, MMC_CMD valid before
1
tsu(CMDV-CLKH)
4.1
4.1
ns
MMC_CLK rising clock edge
Hold time, MMC_CMD valid after
2
th(CLKH-CMDV)
2.55
3.76
ns
MMC_CLK rising clock edge
Setup time, MMC_DATx valid before
3
tsu(DATV-CLKH)
4.1
4.1
ns
MMC_CLK rising clock edge
Hold time, MMC_DATx valid after
4
th(CLKH-DATV)
2.55
3.76
ns
MMC_CLK rising clock edge
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
245
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com