| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 117 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 117 Page - Texas Instruments |
|
117 / 415 page ![]() AM5728, AM5726 www.ti.com SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 Table 4-5. DSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vout2_d22 Video Output 2 Data output O F3/ AB3 vout2_d23 Video Output 2 Data output O F2/ AA4 DPI Video Output 3 vout3_clk Video Output 3 Clock output O P1/ AF9 vout3_de Video Output 3 Data Enable output O N9/ AD9 vout3_fld Video Output 3 Field ID output.This signal is not used for embedded sync modes. O P9/ AG8 vout3_hsync Video Output 3 Horizontal Sync output.This signal is not used for embedded sync O N7/ AE9 modes. vout3_vsync Video Output 3 Vertical Sync output.This signal is not used for embedded sync modes. O R4/ AF8 vout3_d0 Video Output 3 Data output O M6/ AH4/ AD3 vout3_d1 Video Output 3 Data output O M2/ AG6/ AD2 vout3_d2 Video Output 3 Data output O L5/ AH5/ AE6 vout3_d3 Video Output 3 Data output O M1/ AH3/ AE2 vout3_d4 Video Output 3 Data output O L6/ AH6/ AE1 vout3_d5 Video Output 3 Data output O L4/ AG7/ AE5 vout3_d6 Video Output 3 Data output O L3/ AD8/ AE3 vout3_d7 Video Output 3 Data output O L2/ AE8/ AF1 vout3_d8 Video Output 3 Data output O L1/ AF4 vout3_d9 Video Output 3 Data output O K2/ AF3 vout3_d10 Video Output 3 Data output O J1/ AF6 vout3_d11 Video Output 3 Data output O J2/ AF2 vout3_d12 Video Output 3 Data output O H1/ AG5 vout3_d13 Video Output 3 Data output O J3/ AG3 vout3_d14 Video Output 3 Data output O H2/ AG2 vout3_d15 Video Output 3 Data output O H3/ AG4 vout3_d16 Video Output 3 Data output O R6/ AG8/ AH4 vout3_d17 Video Output 3 Data output O T9/ AD9/ AG6 vout3_d18 Video Output 3 Data output O T6/ AH5 vout3_d19 Video Output 3 Data output O T7/ AH3 vout3_d20 Video Output 3 Data output O P6/ AH6 vout3_d21 Video Output 3 Data output O R9/ AG7 vout3_d22 Video Output 3 Data output O R5/ AD8 vout3_d23 Video Output 3 Data output O P5/ AE8 4.4.3 Display Subsystem – High-Definition Multimedia Interface (HDMI) NOTE For more information, see the Display Subsystem / Display Subsystem Overview of the device TRM. Table 4-6. HDMI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdmi1_cec HDMI consumer electronic control IOD B20/ G19 hdmi1_hpd HDMI display hot plug detect I B21/ G20 hdmi1_ddc_scl HDMI display data channel clock IOD C25 hdmi1_ddc_sda HDMI display data channel data IOD F17 hdmi1_clockx HDMI clock differential positive or negative ODS AG16 Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 117 Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |