| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 119 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 119 Page - Texas Instruments |
|
119 / 415 page ![]() AM5728, AM5726 www.ti.com SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 Table 4-7. EMIF Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL ddr1_d2 EMIF1 Data Bus I/O AG26 ddr1_d3 EMIF1 Data Bus I/O AH26 ddr1_d4 EMIF1 Data Bus I/O AF24 ddr1_d5 EMIF1 Data Bus I/O AE24 ddr1_d6 EMIF1 Data Bus I/O AF23 ddr1_d7 EMIF1 Data Bus I/O AE23 ddr1_d8 EMIF1 Data Bus I/O AC23 ddr1_d9 EMIF1 Data Bus I/O AF27 ddr1_d10 EMIF1 Data Bus I/O AG27 ddr1_d11 EMIF1 Data Bus I/O AF28 ddr1_d12 EMIF1 Data Bus I/O AE26 ddr1_d13 EMIF1 Data Bus I/O AC25 ddr1_d14 EMIF1 Data Bus I/O AC24 ddr1_d15 EMIF1 Data Bus I/O AD25 ddr1_d16 EMIF1 Data Bus I/O V20 ddr1_d17 EMIF1 Data Bus I/O W20 ddr1_d18 EMIF1 Data Bus I/O AB28 ddr1_d19 EMIF1 Data Bus I/O AC28 ddr1_d20 EMIF1 Data Bus I/O AC27 ddr1_d21 EMIF1 Data Bus I/O Y19 ddr1_d22 EMIF1 Data Bus I/O AB27 ddr1_d23 EMIF1 Data Bus I/O Y20 ddr1_d24 EMIF1 Data Bus I/O AA23 ddr1_d25 EMIF1 Data Bus I/O Y22 ddr1_d26 EMIF1 Data Bus I/O Y23 ddr1_d27 EMIF1 Data Bus I/O AA24 ddr1_d28 EMIF1 Data Bus I/O Y24 ddr1_d29 EMIF1 Data Bus I/O AA26 ddr1_d30 EMIF1 Data Bus I/O AA25 ddr1_d31 EMIF1 Data Bus I/O AA28 ddr1_ecc_d0 EMIF1 ECC Data Bus I/O W22 ddr1_ecc_d1 EMIF1 ECC Data Bus I/O V23 ddr1_ecc_d2 EMIF1 ECC Data Bus I/O W19 ddr1_ecc_d3 EMIF1 ECC Data Bus I/O W23 ddr1_ecc_d4 EMIF1 ECC Data Bus I/O Y25 ddr1_ecc_d5 EMIF1 ECC Data Bus I/O V24 ddr1_ecc_d6 EMIF1 ECC Data Bus I/O V25 ddr1_ecc_d7 EMIF1 ECC Data Bus I/O Y26 ddr1_dqm0 EMIF1 Data Mask outputs O AD23 ddr1_dqm1 EMIF1 Data Mask outputs O AB23 ddr1_dqm2 EMIF1 Data Mask outputs O AC26 ddr1_dqm3 EMIF1 Data Mask outputs O AA27 ddr1_dqm_ecc EMIF1 ECC Data Mask outputs O V26 ddr1_dqs0 Data strobe 0 input/outputs for byte 0 of the 32-bit data bus. These signals are outputs I/O AH25 to the EMIF1 memory when writing and inputs when reading. ddr1_dqsn0 Data strobe 0 invert I/O AG25 ddr1_dqs1 Data strobe 1 input/outputs for byte 1 of the 32-bit data bus. These signals are outputs I/O AE27 to the EMIF1 memory when writing and inputs when reading. Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 119 Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |