Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 118Page - Texas Instruments AM5728 Datasheet HTML 119Page - Texas Instruments AM5728 Datasheet HTML 120Page - Texas Instruments AM5728 Datasheet HTML 121Page - Texas Instruments AM5728 Datasheet HTML 122Page - Texas Instruments AM5728 Datasheet HTML 123Page - Texas Instruments AM5728 Datasheet HTML 124Page - Texas Instruments AM5728 Datasheet HTML 125Page - Texas Instruments AM5728 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
4.4.5
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem / General-Purpose Memory Controller
section of the device TRM.
Table 4-8. GPMC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad0
GPMC Data 0 in A/D nonmultiplexed mode and additionally Address 1
I/O
M6
in A/D multiplexed mode
gpmc_ad1
GPMC Data 1 in A/D nonmultiplexed mode and additionally Address 2
I/O
M2
in A/D multiplexed mode
gpmc_ad2
GPMC Data 2 in A/D nonmultiplexed mode and additionally Address 3
I/O
L5
in A/D multiplexed mode
gpmc_ad3
GPMC Data 3 in A/D nonmultiplexed mode and additionally Address 4
I/O
M1
in A/D multiplexed mode
gpmc_ad4
GPMC Data 4 in A/D nonmultiplexed mode and additionally Address 5
I/O
L6
in A/D multiplexed mode
gpmc_ad5
GPMC Data 5 in A/D nonmultiplexed mode and additionally Address 6
I/O
L4
in A/D multiplexed mode
gpmc_ad6
GPMC Data 6 in A/D nonmultiplexed mode and additionally Address 7
I/O
L3
in A/D multiplexed mode
gpmc_ad7
GPMC Data 7 in A/D nonmultiplexed mode and additionally Address 8
I/O
L2
in A/D multiplexed mode
gpmc_ad8
GPMC Data 8 in A/D nonmultiplexed mode and additionally Address 9
I/O
L1
in A/D multiplexed mode
gpmc_ad9
GPMC Data 9 in A/D nonmultiplexed mode and additionally Address 10
I/O
K2
in A/D multiplexed mode
gpmc_ad10
GPMC Data 10 in A/D nonmultiplexed mode and additionally Address
I/O
J1
11 in A/D multiplexed mode
gpmc_ad11
GPMC Data 11 in A/D nonmultiplexed mode and additionally Address
I/O
J2
12 in A/D multiplexed mode
gpmc_ad12
GPMC Data 12 in A/D nonmultiplexed mode and additionally Address
I/O
H1
13 in A/D multiplexed mode
gpmc_ad13
GPMC Data 13 in A/D nonmultiplexed mode and additionally Address
I/O
J3
14 in A/D multiplexed mode
gpmc_ad14
GPMC Data 14 in A/D nonmultiplexed mode and additionally Address
I/O
H2
15 in A/D multiplexed mode
gpmc_ad15
GPMC Data 15 in A/D nonmultiplexed mode and additionally Address
I/O
H3
16 in A/D multiplexed mode
gpmc_a0
GPMC Address 0. Only used to effectively address 8-bit data
O
R6/ P4
nonmultiplexed memories
gpmc_a1
GPMC address 1 in A/D nonmultiplexed mode and Address 17 in A/D
O
T9/ P1
multiplexed mode
gpmc_a2
GPMC address 2 in A/D nonmultiplexed mode and Address 18 in A/D
O
T6/ N1
multiplexed mode
gpmc_a3
GPMC address 3 in A/D nonmultiplexed mode and Address 19 in A/D
O
T7/ M4
multiplexed mode
gpmc_a4
GPMC address 4 in A/D nonmultiplexed mode and Address 20 in A/D
O
P6
multiplexed mode
gpmc_a5
GPMC address 5 in A/D nonmultiplexed mode and Address 21 in A/D
O
R9
multiplexed mode
gpmc_a6
GPMC address 6 in A/D nonmultiplexed mode and Address 22 in A/D
O
R5
multiplexed mode
gpmc_a7
GPMC address 7 in A/D nonmultiplexed mode and Address 23 in A/D
O
P5
multiplexed mode
122
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com