| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 124 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 124 Page - Texas Instruments |
|
124 / 415 page ![]() AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-8. GPMC Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpmc_wait0 GPMC external indication of wait 0 I N2 gpmc_wait1 GPMC external indication of wait 1 I P7/ N1 (1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS. 4.4.6 Timer NOTE For more information, see the Timers section of the device TRM. Table 4-9. Timer Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL timer1 PWM output/event trigger input I/O M4/ E21 timer2 PWM output/event trigger input I/O N6/ F20 timer3 PWM output/event trigger input I/O N1/ F21 timer4 PWM output/event trigger input I/O P7/ D12 timer5 PWM output/event trigger input I/O U2/ B12 timer6 PWM output/event trigger input I/O T2/ A11 timer7 PWM output/event trigger input I/O R3/ B13 timer8 PWM output/event trigger input I/O P4/ A12 timer9 PWM output/event trigger input I/O P9/ E14 timer10 PWM output/event trigger input I/O N9/ A13 timer11 PWM output/event trigger input I/O R4/ G14 timer12 PWM output/event trigger input I/O N7/ F14 timer13 PWM output/event trigger input I/O D18/ AF8 timer14 PWM output/event trigger input I/O E17/ AE9 timer15 PWM output/event trigger input I/O B26/ AF9/ AC10 timer16 PWM output/event trigger input I/O C23/ AD9/ AB10 4.4.7 Inter-Integrated Circuit Interface (I 2C) NOTE For more information, see the Serial Communication Interface / Multimaster High-Speed I2C Controller / HS I2C Environment / HS I2C in I2C Mode section of the device TRM. NOTE I2C1 and I2C2 do NOT support HS-mode. Table 4-10. I2C Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Inter-Integrated Circuit Interface 1 (I2C1) i2c1_scl I2C1 Clock I/O IOD C20 i2c1_sda I2C1 Data I/O IOD C21 Inter-Integrated Circuit Interface 2 (I2C2) i2c2_scl I2C2 Clock I/O IOD F17 124 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |