| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 130 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 130 Page - Texas Instruments |
|
130 / 415 page ![]() AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-15. McASP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mcasp4_axr1 MCASP4 Transmit/Receive Data I/O I/O D17 mcasp4_axr2 MCASP4 Transmit/Receive Data I/O I/O E12 mcasp4_axr3 MCASP4 Transmit/Receive Data I/O I/O F13 mcasp4_fsx MCASP4 Transmit Frame Sync I/O I/O A21 mcasp4_ahclkx MCASP4 Transmit High-Frequency Master Clock I/O O C23 mcasp4_aclkx(1) MCASP4 Transmit Bit Clock I/O I/O C18 mcasp4_aclkr(1) MCASP4 Receive Bit Clock I/O I/O C18 mcasp4_fsr MCASP4 Receive Frame Sync I/O I/O A21 Multichannel Audio Serial Port 5 mcasp5_axr0 MCASP5 Transmit/Receive Data I/O I/O AB3 mcasp5_axr1 MCASP5 Transmit/Receive Data I/O I/O AA4 mcasp5_axr2 MCASP5 Transmit/Receive Data I/O I/O C12 mcasp5_axr3 MCASP5 Transmit/Receive Data I/O I/O D12 mcasp5_fsx MCASP5 Transmit Frame Sync I/O I/O AB9 mcasp5_ahclkx MCASP5 Transmit High-Frequency Master Clock I/O O D18 mcasp5_aclkx(1) MCASP5 Transmit Bit Clock I/O I/O AA3 mcasp5_aclkr(1) MCASP5 Receive Bit Clock I/O I/O AA3 mcasp5_fsr MCASP5 Receive Frame Sync I/O I/O AB9 Multichannel Audio Serial Port 6 mcasp6_axr0 MCASP6 Transmit/Receive Data I/O I/O B12 mcasp6_axr1 MCASP6 Transmit/Receive Data I/O I/O A11 mcasp6_axr2 MCASP6 Transmit/Receive Data I/O I/O G13 mcasp6_axr3 MCASP6 Transmit/Receive Data I/O I/O J11 mcasp6_ahclkx MCASP6 Transmit High-Frequency Master Clock I/O O E17 mcasp6_aclkx(1) MCASP6 Transmit Bit Clock I/O I/O B13 mcasp6_fsx MCASP6 Transmit Frame Sync I/O I/O A12 mcasp6_aclkr(1) MCASP6 Receive Bit Clock I/O I/O B13 mcasp6_fsr MCASP6 Receive Frame Sync I/O I/O A12 Multichannel Audio Serial Port 7 mcasp7_axr0 MCASP7 Transmit/Receive Data I/O I/O E14 mcasp7_axr1 MCASP7 Transmit/Receive Data I/O I/O A13 mcasp7_axr2 MCASP7 Transmit/Receive Data I/O I/O B14 mcasp7_axr3 MCASP7 Transmit/Receive Data I/O I/O J14 mcasp7_ahclkx MCASP7 Transmit High-Frequency Master Clock I/O O B26 mcasp7_aclkx(1) MCASP7 Transmit Bit Clock I/O I/O G14 mcasp7_fsx MCASP7 Transmit Frame Sync I/O I/O F14 mcasp7_aclkr(1) MCASP7 Receive Bit Clock I/O I/O G14 mcasp7_fsr MCASP7 Receive Frame Sync I/O I/O F14 Multichannel Audio Serial Port 8 mcasp8_axr0 MCASP8 Transmit/Receive Data I/O I/O D15 mcasp8_axr1 MCASP8 Transmit/Receive Data I/O I/O B16 mcasp8_axr2 MCASP8 Transmit/Receive Data I/O I/O E15 mcasp8_axr3 MCASP8 Transmit/Receive Data I/O I/O A20 mcasp8_ahclkx MCASP8 Transmit High-Frequency Master Clock I/O O C23 mcasp8_aclkx(1) MCASP8 Transmit Bit Clock I/O I/O B17 mcasp8_fsx MCASP8 Transmit Frame Sync I/O I/O A17 mcasp8_aclkr(1) MCASP8 Receive Bit Clock I/O I/O B17 130 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |