| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 143 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 143 Page - Texas Instruments |
|
143 / 415 page ![]() AM5728, AM5726 www.ti.com SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 Table 4-25. PWM Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL eQEP3B_in EQEP3 Quadrature Input B I AC6/ C3 eQEP3_index EQEP3 Index Input IO AC9/ C4 eQEP3_strobe EQEP3 Strobe Input IO AC3/ B2 ehrpwm3A EHRPWM3 Output A O AC8/ D6 ehrpwm3B EHRPWM3 Output B O AD6/ C5 ehrpwm3_tripzone_in EHRPWM3 Trip Zone Input IO AB8/ A3 put eCAP3_in_PWM3_out ECAP3 Capture Iniput / PWM Output IO AB5/ B3 4.4.23 Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem (PRU-ICSS) CAUTION The I/O timings provided in Section 7 Timing Requirements and Switching Characteristics are valid only if signals within a single IOSET are used. The IOSETs are defined in the Table 7-149 and Table 7-150. NOTE For more information see the Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem section of the device TRM. Table 4-26. PRU-ICSS Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM PRU-ICSS 1 pr1_pru0_gpo0 PRU0 General-Purpose Output O AH6 pr1_pru0_gpo1 PRU0 General-Purpose Output O AH3 pr1_pru0_gpo2 PRU0 General-Purpose Output O AH5 pr1_pru0_gpo3 PRU0 General-Purpose Output O AG6 pr1_pru0_gpo4 PRU0 General-Purpose Output O AH4 pr1_pru0_gpo5 PRU0 General-Purpose Output O AG4 pr1_pru0_gpo6 PRU0 General-Purpose Output O AG2 pr1_pru0_gpo7 PRU0 General-Purpose Output O AG3 pr1_pru0_gpo8 PRU0 General-Purpose Output O AG5 pr1_pru0_gpo9 PRU0 General-Purpose Output O AF2 pr1_pru0_gpo10 PRU0 General-Purpose Output O AF6 pr1_pru0_gpo11 PRU0 General-Purpose Output O AF3 pr1_pru0_gpo12 PRU0 General-Purpose Output O AF4 pr1_pru0_gpo13 PRU0 General-Purpose Output O AF1 pr1_pru0_gpo14 PRU0 General-Purpose Output O AE3 pr1_pru0_gpo15 PRU0 General-Purpose Output O AE5 pr1_pru0_gpo16 PRU0 General-Purpose Output O AE1 pr1_pru0_gpo17 PRU0 General-Purpose Output O AE2 pr1_pru0_gpo18 PRU0 General-Purpose Output O AE6 pr1_pru0_gpo19 PRU0 General-Purpose Output O AD2 pr1_pru0_gpo20 PRU0 General-Purpose Output O AD3 pr1_pru0_gpi0 PRU0 General-Purpose Input I AH6 Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 143 Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |