| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 146 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 146 Page - Texas Instruments |
|
146 / 415 page ![]() AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-26. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM pr1_mdio_mdclk MDIO Clock O D3 pr1_mdio_data MDIO Data IO F6 pr1_edc_latch0_in Latch Input 0 I AG3/ E2 pr1_edc_latch1_in Latch Input 1 I AG5 pr1_edc_sync0_out SYNC 0 Output O AF2/ D2 pr1_edc_sync1_out SYNC 1 Output O AF6 pr1_edio_latch_in Latch Input I AF3 pr1_edio_sof Start Of Frame O AF4/ F4 pr1_edio_data_in0 Ethernet Digital Input I AF1/ E1 pr1_edio_data_in1 Ethernet Digital Input I AE3/ G2 pr1_edio_data_in2 Ethernet Digital Input I AE5/ H7 pr1_edio_data_in3 Ethernet Digital Input I AE1/ G1 pr1_edio_data_in4 Ethernet Digital Input I AE2/ G6 pr1_edio_data_in5 Ethernet Digital Input I AE6/ F2 pr1_edio_data_in6 Ethernet Digital Input I AD2/ F3 pr1_edio_data_in7 Ethernet Digital Input I AD3/ D1 pr1_edio_data_out0 Ethernet Digital Output O AF1/ E1 pr1_edio_data_out1 Ethernet Digital Output O AE3/ G2 pr1_edio_data_out2 Ethernet Digital Output O AE5/ H7 pr1_edio_data_out3 Ethernet Digital Output O AE1/ G1 pr1_edio_data_out4 Ethernet Digital Output O AE2/ G6 pr1_edio_data_out5 Ethernet Digital Output O AE6/ F2 pr1_edio_data_out6 Ethernet Digital Output O AD2/ F3 pr1_edio_data_out7 Ethernet Digital Output O AD3/ D1 pr1_uart0_cts_n UART Clear-To-Send I G1/ F11 pr1_uart0_rts_n UART Ready-To-Send O G6/ G10 pr1_uart0_rxd UART Receive Data I F2/ F10 pr1_uart0_txd UART Transmit Data O F3/ G11 pr1_ecap0_ecap_capin_apwm_ Capture Input / PWM output IO D1/ E9 o PRU-ICSS 2 pr2_pru0_gpo0 PRU0 General-Purpose Output O G11/ AC5 pr2_pru0_gpo1 PRU0 General-Purpose Output O E9/ AB4 pr2_pru0_gpo2 PRU0 General-Purpose Output O F9/ AD4 pr2_pru0_gpo3 PRU0 General-Purpose Output O F8/ AC4 pr2_pru0_gpo4 PRU0 General-Purpose Output O E7/ AC7 pr2_pru0_gpo5 PRU0 General-Purpose Output O E8/ AC6 pr2_pru0_gpo6 PRU0 General-Purpose Output O D9/ AC9 pr2_pru0_gpo7 PRU0 General-Purpose Output O D7/ AC3 pr2_pru0_gpo8 PRU0 General-Purpose Output O D8/ AC8 pr2_pru0_gpo9 PRU0 General-Purpose Output O A5/ AD6 pr2_pru0_gpo10 PRU0 General-Purpose Output O C6/ AB8 pr2_pru0_gpo11 PRU0 General-Purpose Output O C8/ AB5 pr2_pru0_gpo12 PRU0 General-Purpose Output O C7/ B18 pr2_pru0_gpo13 PRU0 General-Purpose Output O B7/ F15 pr2_pru0_gpo14 PRU0 General-Purpose Output O B8/ B19 pr2_pru0_gpo15 PRU0 General-Purpose Output O A7/ C17 pr2_pru0_gpo16 PRU0 General-Purpose Output O A8/ C15 146 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |