Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 147Page - Texas Instruments AM5728 Datasheet HTML 148Page - Texas Instruments AM5728 Datasheet HTML 149Page - Texas Instruments AM5728 Datasheet HTML 150Page - Texas Instruments AM5728 Datasheet HTML 151Page - Texas Instruments AM5728 Datasheet HTML 152Page - Texas Instruments AM5728 Datasheet HTML 153Page - Texas Instruments AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
4.4.25 System and Miscellaneous
4.4.25.1 Sysboot
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.
Table 4-28. Sysboot Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
sysboot0
Boot Mode Configuration 0. The value latched on this pin upon porz reset release
I
M6
will determine the boot mode configuration of the device.
sysboot1
Boot Mode Configuration 1. The value latched on this pin upon porz reset release
I
M2
will determine the boot mode configuration of the device.
sysboot2
Boot Mode Configuration 2. The value latched on this pin upon porz reset release
I
L5
will determine the boot mode configuration of the device.
sysboot3
Boot Mode Configuration 3. The value latched on this pin upon porz reset release
I
M1
will determine the boot mode configuration of the device.
sysboot4
Boot Mode Configuration 4. The value latched on this pin upon porz reset release
I
L6
will determine the boot mode configuration of the device.
sysboot5
Boot Mode Configuration 5. The value latched on this pin upon porz reset release
I
L4
will determine the boot mode configuration of the device.
sysboot6
Boot Mode Configuration 6. The value latched on this pin upon porz reset release
I
L3
will determine the boot mode configuration of the device.
sysboot7
Boot Mode Configuration 7. The value latched on this pin upon porz reset release
I
L2
will determine the boot mode configuration of the device.
sysboot8
Boot Mode Configuration 8. The value latched on this pin upon porz reset release
I
L1
will determine the boot mode configuration of the device.
sysboot9
Boot Mode Configuration 9. The value latched on this pin upon porz reset release
I
K2
will determine the boot mode configuration of the device.
sysboot10
Boot Mode Configuration 10. The value latched on this pin upon porz reset release
I
J1
will determine the boot mode configuration of the device.
sysboot11
Boot Mode Configuration 11. The value latched on this pin upon porz reset release
I
J2
will determine the boot mode configuration of the device.
sysboot12
Boot Mode Configuration 12. The value latched on this pin upon porz reset release
I
H1
will determine the boot mode configuration of the device.
sysboot13
Boot Mode Configuration 13. The value latched on this pin upon porz reset release
I
J3
will determine the boot mode configuration of the device.
sysboot14
Boot Mode Configuration 14. The value latched on this pin upon porz reset release
I
H2
will determine the boot mode configuration of the device.
sysboot15
Boot Mode Configuration 15. The value latched on this pin upon porz reset release
I
H3
will determine the boot mode configuration of the device.
4.4.25.2 Power, Reset and Clock Management (PRCM)
NOTE
For more information, see PRCM section of the device TRM.
Table 4-29. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout1
Device Clock output 1. Can be used externally for devices with noncritical timing
O
F21/ P7
requirements, or for debug, or as a reference clock on GPMC as described in
Table 4-8. GPMC Signal Descriptions.
clkout2
Device Clock output 2. Can be used externally for devices with noncritical timing
O
D18/ N1
requirements, or for debug.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
151
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com