Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 148Page - Texas Instruments AM5728 Datasheet HTML 149Page - Texas Instruments AM5728 Datasheet HTML 150Page - Texas Instruments AM5728 Datasheet HTML 151Page - Texas Instruments AM5728 Datasheet HTML 152Page - Texas Instruments AM5728 Datasheet HTML 153Page - Texas Instruments AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 4-29. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout3
Device Clock output 3. Can be used externally for devices with noncritical timing
O
C23
requirements, or for debug.
rstoutn
Reset out (Active low). This pin asserts low in response to any global reset
O
F23
condition on the device.
resetn
Device Reset Input
I
E23
porz
Power on Reset (active low). This pin must be asserted low until all device
I
F22
supplies are valid (see reset sequence/requirements)
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
D18
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
E17
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
B26
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
C23
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input. Functions as the
I
AE15
input connection to a crystal when the internal oscillator OSC0 is used. Functions
as an LVCMOS-compatible input clock when an external oscillator is used.
xo_osc0
System Oscillator OSC0 Crystal output
O
AD15
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input.Functions as the
I
AC15
input connection to a crystal when the internal oscillator OSC1 is used. Functions
as an LVCMOS-compatible input clock when an external oscillator is used
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AC13
RMII_MHZ_50_CL RMII Reference Clock (50MHz). This pin is an input when external reference is
I/O
U3
K(1)
used or output when internal reference is used.
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.25.3 Real-Time Clock (RTC) Interface
NOTE
For more information, see the Real-Time Clock (RTC) chapter of the device TRM.
NOTE
RTC only mode is not supported feature.
Table 4-30. RTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Wakeup0
RTC External Wakeup Input 0
I
AD17
Wakeup1
RTC External Wakeup Input 1
I
AC17
Wakeup2
RTC External Wakeup Input 2
I
AB16
Wakeup3
RTC External Wakeup Input 3
I
AC16
rtc_porz
RTC Power Domain Power-On Reset Input
I
AB17
rtc_osc_xi_clkin32
RTC Oscillator Input. Crystal connection to internal RTC oscillator. Functions as
I
AE14
an RTC clock input when an external oscillator is used.
rtc_osc_xo
RTC Oscillator Output
O
AD14
rtc_iso(1)
RTC Domain Isolation Signal
I
AF14
on_off
RTC Power Enable output pin
O
Y11
152
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com