Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 152Page - Texas Instruments AM5728 Datasheet HTML 153Page - Texas Instruments AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 4-34. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdda_usb3
DPLL_USB_OTG_SS and USB3.0 RX/TX analog power supply
PWR
W12
vssa_usb3
DPLL_USB and USB3.0 RX/TX analog ground
GND
AD10
vdda_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog power supply
PWR
P14
vssa_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog ground
GND
U14
vdds_mlbp
MLBP IO power supply
PWR
AA7/ Y7
vdda_mpu
DPLL_MPU analog power supply
PWR
N16
vdda_osc
HFOSC analog power supply
PWR
AE16/ AD16
vssa_osc0
OSC0 analog ground
GND
AF15
vssa_osc1
OSC1 analog ground
GND
AC14
vdda_rtc
RTC bias and RTC LFOSC analog power supply
PWR
AB13
vdds18v
1.8V power supply
PWR
W17/ W18/ V21/ V22/
T8/ R8/ P8/ N8/ M8/
M9/ H17/ G18
vdds18v_ddr1
DDR1 bias power supply
PWR
AA18/ AA19/ Y21/
W21
vdds18v_ddr2
DDR2 bias power supply
PWR
P20/ P21/ N21/ J21/
J22
vdds_ddr2
DDR2 power supply (1.8V for DDR2 mode/ 1.5V for DDR3 mode /
PWR
T24/ T25/ M20/ M21/
1.35V for DDR3L mode)
L20/ L21/ J27/ H20/
H21/ H22/ G22/ G23/
E24
vdds_ddr1
DDR1 power supply (1.8V for DDR2 mode/ 1.5V for DDR3 mode /
PWR
AH27/ AG20/ AG28/
1.35V for DDR3L mode)
AD26/ AC22/ AB21/
AB22/ AB24/ AB25/
AA21/ AA22/ W16/
W27
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the RTC Power Group
PWR
V12
pins
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the VIN2 Power Group
PWR
H8/ H9/ G4/ G5/ E3/
pins
E5
vddshv10
Dual Voltage (1.8V or 3.3V) power supply for the GPMC Power Group
PWR
T4/ T5/ R7/ R10/ P10/
pins
N4/ N5
vddshv11
Dual Voltage (1.8V or 3.3V) power supply for the MMC2 Power Group
PWR
K8/ J8
pins
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the VOUT Power Group
PWR
H10/ H11/ E10/ D10/
pins
B6
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL Power
PWR
H15/ H16/ H18/ H19/
Group pins
G15/ E16/ E22/ D16/
D22/ B23
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the MMC4 Power Group
PWR
C24
pins
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VIN1 Power Group
PWR
AF5/ AE7/ AD5/ AD7
pins
vddshv7
Dual Voltage (1.8V or 3.3V) power supply for the WIFI Power Group
PWR
AB6/ AB7
pins
vddshv8
Dual Voltage (1.8V or 3.3V) power supply for the MMC1 Power Group
PWR
Y8/ W8
pins
vddshv9
Dual Voltage (1.8V or 3.3V) power supply for the RGMII Power Group
PWR
W4/ W5/ U10
pins
cap_vddram_dspeve2(1)
External capacitor connection for the DSP SRAM array ldo2 output
CAP
J9
cap_vddram_dspeve1(1)
External capacitor connection for the DSP SRAM array ldo1 output
CAP
J10
cap_vbbldo_mpu(1)
External capacitor connection for the MPU vbb ldo output
CAP
J16
cap_vddram_core2(1)
External capacitor connection for the Core SRAM array ldo2 output
CAP
J19
cap_vbbldo_dspeve(1)
External capacitor connection for the DSP vbb ldo output
CAP
K9
cap_vddram_mpu1(1)
External capacitor connection for the MPU SRAM array ldo1 output
CAP
K16
156
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com