Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 5-1. Absolute Maximum Rating Over Junction Temperature Range (continued)
PARAMETER(1)
MIN
MAX
UNIT
Core I/Os
–0.3
1.5
V
Analog I/Os (except HDMI)
–0.3
2.0
HDMI I/Os
–0.3
3.5
I/O 1.35 V
–0.3
1.65
Input and Output Voltage Ranges
VIO (Steady-State)
I/O 1.5 V
–0.3
1.8
(Steady-State)
1.8 V I/Os
–0.3
2.1
3.3 V I/Os (except those powered
–0.3
3.8
by vddshv8)
3.3 V I/Os (powered by vddshv8)
–0.3
3.6
SR
Maximum slew rate, all supplies
105
V/s
VIO (Transient Overshoot /
Input and Output Voltage Ranges (Transient Overshoot/Undershoot)
0.2*VDD
V
Undershoot)
Note: valid for up to 20% of the signal period
(2)
TSTG
Storage temperature range after soldered onto PC Board
–55
+150
°C
Latch-up I-Test
I-test(3), All I/Os (if different levels then one line per level)
–100
100
mA
Latch-up OV-Test
Over-voltage Test(4), All supplies (if different levels then one line per level)
N/A
1.5*VSUP
V
PLY MAX
(1) See I/Os supplied by this power pin in Table 4-2 Ball Characteristics
(2) VDD is the voltage on the corresponding power-supply pin(s) for the I/O.
(3) Per JEDEC JESD78 at 125°C with specified I/O pin injection current and clamp voltage of 1.5 times maximum recommended I/O
voltage and negative 0.5 times maximum recommended I/O voltage.
(4) Per JEDEC JESD78 at 125°C.
5.2
ESD Ratings
Table 5-2 presents the Device ESD Ratings requirements.
Table 5-2. ESD Ratings
PARAMETER
VALUE
UNIT
HBM (Human Body Model)
±1000
VESD
ESD stress voltage(1)
V
CDM (Charged Device Model)
±250
(1) Electrostatic discharge (ESD) to measure device sensitivity or immunity to damage caused by electrostatic discharges into the device.
5.3
Power on Hour (POH) Limits
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
NOTE
POH is a functional of voltage, temperature and time. Usage at higher voltages and
temperatures will result in a reduction in POH.
Table 5-3. Power on Hour (POH) Limits(1)
OPERATING CONDITION
COMMERCIAL JUNCTION
EXTENDED JUNCTION TEMP RANGE -40°C ~ 105°C
TEMP RANGE 0°C ~ 90°C
OPP
HDMI
JUNCTION
LIFETIME
JUNCTION
LIFETIME
JUNCTION
LIFETIME
TEMP (Tj)
(POH)
TEMP (Tj)
(POH)
TEMP (Tj)
(POH)
OPP_NOM or
Not Used
90°C
100k
100°C
100k
105°C
58k
OPP_OD
Used
90°C
100k
100°C
63k
105°C
45k
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
159
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com