Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
5.4
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 5-4.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 5-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
Input Power Supply Voltage Range
vdd
Core voltage domain supply
See Section 5.5
V
vdd_mpu
Supply voltage range for MPU domain
See Section 5.5
V
vdd_gpu
GPU voltage domain supply
See Section 5.5
V
vdd_dspeve
DSP voltage domain supply
See Section 5.5
V
vdd_iva
IVA voltage domain supply
See Section 5.5
V
vdd_rtc
RTC voltage domain supply
See Section 5.5
V
DPLL_USB and HS USB1 1.8V
V
1.71
1.80
1.836
1.89
analog power supply
vdda_usb1
Maximum noise (peak-peak)
50
mVPPmax
HS USB2 1.8V analog power supply
1.71
1.80
1.836
1.89
V
vdda_usb2
Maximum noise (peak-peak)
50
mVPPmax
HS USB1 3.3V analog power supply.If
V
USB1 is not used, this pin can
alternatively be connected to VSS if
the following requirements are met:
3.135
3.3
3.366
3.465
- The usb1_dm/usb1_dp pins are left
vdda33v_usb1
unconnected
- The USB1 PHY is kept powered
down
Maximum noise (peak-peak)
50
mVPPmax
HS USB2 3.3V analog power supply. If
V
USB2 is not used, this pin can
alternatively be connected to VSS if
the following requirements are met:
3.135
3.3
3.366
3.465
- The usb2_dm/usb2_dp pins are left
vdda33v_usb2
unconnected
- The USB2 PHY is kept powered
down
Maximum noise (peak-peak)
50
mVPPmax
DPLL_ABE, DPLL_PER, and PER
V
1.71
1.80
1.836
1.89
HSDIVIDER analog power supply
vdda_abe_per
Maximum noise (peak-peak)
50
mVPPmax
DPLL_DDR and DDR HSDIVIDER
V
1.71
1.80
1.836
1.89
analog power supply
vdda_ddr
Maximum noise (peak-peak)
50
mVPPmax
DPLL_DEBUG analog power supply
1.71
1.80
1.836
1.89
V
vdda_debug
Maximum noise (peak-peak)
50
mVPPmax
DPLL_DSP analog power supply
1.71
1.80
1.836
1.89
V
vdda_dsp_eve
Maximum noise (peak-peak)
50
mVPPmax
DPLL_CORE and CORE HSDIVIDER
V
1.71
1.80
1.836
1.89
analog power supply
vdda_gmac_core
Maximum noise (peak-peak)
50
mVPPmax
DPLL_GPU analog power supply
1.71
1.80
1.836
1.89
V
vdda_gpu
Maximum noise (peak-peak)
50
mVPPmax
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
161
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com