Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 165 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments AM5728 Datasheet HTML 166Page - Texas Instruments AM5728 Datasheet HTML 167Page - Texas Instruments AM5728 Datasheet HTML 168Page - Texas Instruments AM5728 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 5-6. AVS and ABB Requirements per vdd_* Supply
Supply
AVS Required?
ABB Required?
vdd_core
Yes, for all OPPs
No
vdd_mpu
Yes, for all OPPs
Yes, for all OPPs
vdd_ivahd
Yes, for all OPPs
Yes, for all OPPs
vdd_dspeve
Yes, for all OPPs
Yes, for all OPPs
vdd_gpu
Yes, for all OPPs
Yes, for all OPPs
vdd_rtc
No
No
5.5.2
Voltage And Core Clock Specifications
Table 5-7 shows the recommended OPP per voltage domain.
Table 5-7. Voltage Domains Operating Performance Points
DOMAIN
CONDITION
OPP_NOM
OPP_OD
OPP_HIGH
MIN
NOM (1) MAX (2)
MIN (2)
NOM (1) MAX (2)
MIN (2)
NOM (1)
MAX DC
MAX (2)
(2)
(3)
VD_CORE (V)
BOOT (Before AVS is
1.02
1.06
1.16
Not Applicable
Not Applicable
enabled) (4)
After AVS is enabled (4)
AVS
AVS
1.16
Not Applicable
Not Applicable
Voltag Voltage
e (5) –
(5)
3.5%
VD_MPU (V)
BOOT (Before AVS is
1.06
1.10
1.16
Not Applicable
Not Applicable
enabled)(4)
After AVS is enabled(4)
AVS
AVS
1.16
AVS
AVS
AVS
AVS
AVS
AVS
AVS
Voltag Voltage
Voltage
Voltage
Voltage
Voltage Voltage
Voltage
Voltage
e (5) –
(5)
(5) –
(5)
(5) + 5%
(5) –
(5)
(5) +2%
(5) + 5%
3.5%
3.5%
3.5%
VD_RTC (V) (6)
-
0.84
0.88 to
1.16
Not Applicable
Not Applicable
1.06
Others (V)
BOOT (Before AVS is
1.02
1.06
1.16
Not Applicable
Not Applicable
enabled) (4)
After AVS is enabled(4)
AVS
AVS
1.16
AVS
AVS
AVS
AVS
AVS
AVS
AVS
Voltag Voltage
Voltage
Voltage
Voltage
Voltage Voltage
Voltage
Voltage
e (5) –
(5)
(5) –
(5)
(5) + 5%
(5) –
(5)
(5) +2%
(5) + 5%
3.5%
3.5%
3.5%
(1) In a typical implementation, the power supply should target the NOM voltage.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power on Hour). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power on Hour), and device power.
(5) The AVS voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
STD_FUSE_OPP Registers in the Control Module Section of the TRM. The power supply should be adjustable over the following ranges
for each required OPP:
–
OPP_NOM for MPU: 0.85 V – 1.10 V
–
OPP_NOM for CORE and Others: 0.85 V - 1.06 V
–
OPP_OD: 0.885 V - 1.15 V
–
OPP_HIGH: 0.95 V - 1.25 V
The AVS voltages will be within the above specified ranges.
(6) VD_RTC can optionally be tied to to VD_CORE and operate at the VD_CORE AVS voltages.
Table 5-8 describes the standard processor clocks speed characteristics vs OPP of the device.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
165
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com