Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments AM5728 Datasheet HTML 166Page - Texas Instruments AM5728 Datasheet HTML 167Page - Texas Instruments AM5728 Datasheet HTML 168Page - Texas Instruments AM5728 Datasheet HTML 169Page - Texas Instruments AM5728 Datasheet HTML 170Page - Texas Instruments AM5728 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Clock
Max. Clock
PLL / OSC / Source
PLL / OSC /
Instance Name
Input Clock Name
PRCM Clock Name
Type
Allowed (MHz)
Clock Name
Source Name
DES3DES
DES_CLK_L3
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DLL
EMIF_DLL_FCLK
Func
EMIF_DLL_FC
EMIF_DLL_GCLK
EMIF_DLL_GCLK
DPLL_DDR
LK
DLL_AGING
FCLK
Int
38.4
L3INSTR_DLL_AGING
SYS_CLK1
OSC1
_GCLK
DPLL_ABE_X2_CLK
DPLL_ABE
DMM
DMM_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DPLL_DEBUG
SYSCLK
Int
38.4
EMU_SYS_CLK
SYS_CLK1
OSC1
DSP1
DSP1_FICLK
Int &
DSP_CLK
DSP1_GFCLK
DSP_GFCLK
DPLL_DSP
Func
DSP2
DSP2_FICLK
Int &
DSP_CLK
DSP2_GFCLK
DSP_GFCLK
DPLL_DSP
Func
DSS
DSS_HDMI_CEC_
Func
0.032
HDMI_CEC_GFCLK
SYS_32K
RTC Oscillator
CLK
DSS_HDMI_PHY_
Func
48
HDMI_PHY_GFCLK
FUNC_192M_CLK
DPLL_PER
CLK
DSS_CLK
Func
192
DSS_GFCLK
DSS_CLK
DPLL_PER
HDMI_CLKINP
Func
38.4
HDMI_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DSS_L3_ICLK
Int
266
DSS_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VIDEO1_CLKINP
Func
38.4
VIDEO1_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
VIDEO2_CLKINP
Func
38.4
VIDEO2_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DPLL_DSI1_A_CL
Func
209.3
N/A
HDMI_CLK
DPLL_HDMI
K1
VIDEO1_CLKOUT1
DPLL_VIDEO1
DPLL_DSI1_B_CL
Func
209.3
N/A
VIDEO1_CLKOUT3
DPLL_VIDEO1
K1
VIDEO2_CLKOUT3
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
DPLL_ABE_X2_CLK
DPLL_ABE
DPLL_DSI1_C_CL
Func
209.3
N/A
HDMI_CLK
DPLL_HDMI
K1
VIDEO1_CLKOUT3
DPLL_VIDEO1
VIDEO2_CLKOUT1
DPLL_VIDEO2
DPLL_HDMI_CLK1
Func
185.6
N/A
HDMI_CLK
DPLL_HDMI
DSS DISPC
LCD1_CLK
Func
209.3
N/A
DPLL_DSI1_A_CLK1
See DSS data
in the rows
DSS_CLK
above
LCD2_CLK
Func
209.3
N/A
DPLL_DSI1_B_CLK1
DSS_CLK
LCD3_CLK
Func
209.3
N/A
DPLL_DSI1_C_CLK1
DSS_CLK
F_CLK
Func
209.3
N/A
DPLL_DSI1_A_CLK1
DPLL_DSI1_B_CLK1
DPLL_DSI1_C_CLK1
DSS_CLK
DPLL_HDMI_CLK1
EFUSE_CTRL_CU
ocp_clk
Int
133
CUSTEFUSE_L4_GICL
CORE_X2_CLK
DPLL_CORE
ST
K
sys_clk
Func
38.4
CUSTEFUSE_SYS_GF
SYS_CLK1
OSC1
CLK
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
167
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com