Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 204Page - Texas Instruments AM5728 Datasheet HTML 205Page - Texas Instruments AM5728 Datasheet HTML 206Page - Texas Instruments AM5728 Datasheet HTML 207Page - Texas Instruments AM5728 Datasheet HTML 208Page - Texas Instruments AM5728 Datasheet HTML 209Page - Texas Instruments AM5728 Datasheet HTML 210Page - Texas Instruments AM5728 Datasheet HTML 211Page - Texas Instruments AM5728 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
For more information, see the Power, Reset, and Clock Management chapter of the Device TRM.
Table 6-12 summarizes DPLL type described in Section 6.2, DPLLs, DLLs Specifications introduction.
Table 6-12. DPLL Control Type
DPLL NAME
TYPE
CONTROLLED BY PRCM
DPLL_ABE
Table 6-13 (Type A)
Yes(1)
DPLL_CORE
Table 6-13 (Type A)
Yes(1)
DPLL_DEBUGSS
Table 6-13 (Type A)
No(2)
DPLL_DSP
Table 6-13 (Type A)
Yes(1)
DPLL_GMAC
Table 6-13 (Type A)
Yes(1)
DPLL_HDMI
Table 6-14 (Type B)
No(2)
DPLL_IVA
Table 6-13 (Type A)
Yes(1)
DPLL_MPU
Table 6-13 (Type A)
Yes(1)
DPLL_PER
Table 6-13 (Type A)
Yes(1)
APLL_PCIE
Table 6-13 (Type A)
Yes(1)
DPLL_PCIE_REF
Table 6-14 (Type B)
Yes(1)
DPLL_SATA
Table 6-14 (Type B)
No(2)
DPLL_USB
Table 6-14 (Type B)
Yes(1)
DPLL_USB_OTG_SS
Table 6-14 (Type B)
No(2)
DPLL_VIDEO1
Table 6-13 (Type A)
No(2)
DPLL_VIDEO2
Table 6-13 (Type A)
No(2)
DPLL_DDR
Table 6-13 (Type A)
Yes(1)
DPLL_GPU
Table 6-13 (Type A)
Yes(1)
(1) DPLL is in the always-on domain.
(2) DPLL is not controlled by the PRCM.
Table 6-13 and Table 6-14 summarize the DPLL characteristics and assume testing over recommended
operating conditions.
Table 6-13. DPLL Type A Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input frequency
0.032
52
MHz
FINP
finternal
Internal reference frequency
0.15
52
MHz
REFCLK
fCLKINPHIF
CLKINPHIF input frequency
10
1400
MHz
FINPHIF
Bypass mode: fCLKOUT =
fCLKINPULOW
CLKINPULOW input frequency
0.001
600
MHz
fCLKINPULOW / (M1 + 1) if
ulowclken = 1(6)
[M / (N + 1)] × FINP × [1 / M2]
fCLKOUT
CLKOUT output frequency
20(1)
1400(2)
MHz
(in locked condition)
2 × [M / (N + 1)] × FINP × [1 /
fCLKOUTx2
CLKOUTx2 output frequency
40(1)
2200(2)
MHz
M2] (in locked condition)
20(3)
1400(4)
MHz
FINPHIF / M3 if clkinphifsel = 1
fCLKOUTHIF
CLKOUTHIF output frequency
2 × [M / (N + 1)] × FINP × [1 /
40(3)
2200(4)
MHz
M3] if clkinphifsel = 0
DCOCLKLDO output
2 × [M / (N + 1)] × FINP (in
fCLKDCOLDO
40
2800
MHz
frequency
locked condition)
6 + 350 ×
tlock
Frequency lock time
µs
REFCLK
6 + 500 ×
plock
Phase lock time
µs
REFCLK
Relock time—Frequency
6 + 70 ×
DPLL in LP relock time:
trelock-L
lock(5) (LP relock time from
µs
REFCLK
lowcurrstdby = 1
bypass)
208
Clock Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com