Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 229 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 229 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 225Page - Texas Instruments AM5728 Datasheet HTML 226Page - Texas Instruments AM5728 Datasheet HTML 227Page - Texas Instruments AM5728 Datasheet HTML 228Page - Texas Instruments AM5728 Datasheet HTML 229Page - Texas Instruments AM5728 Datasheet HTML 230Page - Texas Instruments AM5728 Datasheet HTML 231Page - Texas Instruments AM5728 Datasheet HTML 232Page - Texas Instruments AM5728 Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 415 page
background image
AM5728, AM5726
www.ti.com
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
Table 7-10. Manual Functions Mapping for VIP2 4A (continued)
BAL
BALL NAME
VIP2_4A_MANUAL1
VIP2_4A_MANUAL2
CFG REGISTER
MUXMODE
L
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
3
4
5
C9
vout1_d20
2617
91
2979
0
CFG_VOUT1_D20_IN
vin4a_d4
-
-
A9
vout1_d21
2103
0
2374
0
CFG_VOUT1_D21_IN
vin4a_d5
-
-
B9
vout1_d22
2231
0
2501
0
CFG_VOUT1_D22_IN
vin4a_d6
-
-
A10
vout1_d23
2314
38
2623
0
CFG_VOUT1_D23_IN
vin4a_d7
-
-
G11
vout1_d3
2639
68
2977
0
CFG_VOUT1_D3_IN
vin4a_d19
-
-
E9
vout1_d4
2645
0
2916
0
CFG_VOUT1_D4_IN
vin4a_d20
-
-
F9
vout1_d5
2545
47
2861
0
CFG_VOUT1_D5_IN
vin4a_d21
-
-
F8
vout1_d6
2620
0
2891
0
CFG_VOUT1_D6_IN
vin4a_d22
-
-
E7
vout1_d7
2741
51
3062
1
CFG_VOUT1_D7_IN
vin4a_d23
-
-
E8
vout1_d8
2636
113
3019
0
CFG_VOUT1_D8_IN
vin4a_d8
-
-
D9
vout1_d9
2705
0
2976
0
CFG_VOUT1_D9_IN
vin4a_d9
-
-
B10
vout1_de
2347
0
2618
0
CFG_VOUT1_DE_IN
vin4a_de0
-
-
B11
vout1_fld
0
0
0
0
CFG_VOUT1_FLD_IN
vin4a_clk0
-
-
C11
vout1_hsync
2036
0
2307
0
CFG_VOUT1_HSYNC_IN
vin4a_hsync0
-
-
E11
vout1_vsync
1808
0
2079
0
CFG_VOUT1_VSYNC_IN
vin4a_vsync0
-
-
Manual IO Timings Modes must be used to guaranteed some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring
the use of Manual IO Timings Modes. See Table 7-11 Manual Functions Mapping for VIP2 4A IOSET3 for a definition of the Manual modes.
Table 7-11 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-11. Manual Functions Mapping for VIP2 4A IOSET3
BALL
BALL NAME
VIP2_4A_IOSET3_MANUAL1
VIP2_4A_IOSET3_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
8
E21
gpio6_14
1442
120
1839
180
CFG_GPIO6_14_IN
vin4a_hsync0
F20
gpio6_15
1869
120
2266
120
CFG_GPIO6_15_IN
vin4a_vsync0
F21
gpio6_16
1614
120
2012
180
CFG_GPIO6_16_IN
vin4a_fld0
B14
mcasp1_aclkr
2572
120
2850
300
CFG_MCASP1_ACLKR_IN
vin4a_d0
G13
mcasp1_axr2
3050
1160
2915
1760
CFG_MCASP1_AXR2_IN
vin4a_d2
J11
mcasp1_axr3
3175
820
3100
1360
CFG_MCASP1_AXR3_IN
vin4a_d3
E12
mcasp1_axr4
2950
990
2930
1560
CFG_MCASP1_AXR4_IN
vin4a_d4
F13
mcasp1_axr5
3050
900
2910
1560
CFG_MCASP1_AXR5_IN
vin4a_d5
C12
mcasp1_axr6
3140
600
3050
1200
CFG_MCASP1_AXR6_IN
vin4a_d6
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
229
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com