Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  AM572x SitaraTM Processors
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5728 Datasheet(HTML) 228 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 224Page - Texas Instruments AM5728 Datasheet HTML 225Page - Texas Instruments AM5728 Datasheet HTML 226Page - Texas Instruments AM5728 Datasheet HTML 227Page - Texas Instruments AM5728 Datasheet HTML 228Page - Texas Instruments AM5728 Datasheet HTML 229Page - Texas Instruments AM5728 Datasheet HTML 230Page - Texas Instruments AM5728 Datasheet HTML 231Page - Texas Instruments AM5728 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 415 page
background image
AM5728, AM5726
SPRS915O – MARCH 2014 – REVISED OCTOBER 2015
www.ti.com
Table 7-10. Manual Functions Mapping for VIP2 4A (continued)
BAL
BALL NAME
VIP2_4A_MANUAL1
VIP2_4A_MANUAL2
CFG REGISTER
MUXMODE
L
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
3
4
5
U2
gpmc_a15
1834
0
1847
0
CFG_GPMC_A15_IN
-
vin4a_d8
-
U1
gpmc_a16
1916
0
1914
0
CFG_GPMC_A16_IN
-
vin4a_d9
-
P3
gpmc_a17
1825
0
1802
0
CFG_GPMC_A17_IN
-
vin4a_d10
-
R2
gpmc_a18
1425
0
1352
0
CFG_GPMC_A18_IN
-
vin4a_d11
-
K7
gpmc_a19
1680
0
1651
0
CFG_GPMC_A19_IN
-
vin4a_d12
-
T6
gpmc_a2
2437
133
2537
0
CFG_GPMC_A2_IN
-
vin4a_d2
-
M7
gpmc_a20
1501
0
1480
0
CFG_GPMC_A20_IN
-
vin4a_d13
-
J5
gpmc_a21
1747
0
1713
0
CFG_GPMC_A21_IN
-
vin4a_d14
-
K6
gpmc_a22
1542
0
1514
0
CFG_GPMC_A22_IN
-
vin4a_d15
-
J7
gpmc_a23
1130
0
1122
0
CFG_GPMC_A23_IN
-
vin4a_fld0
-
T7
gpmc_a3
2357
192
2537
0
CFG_GPMC_A3_IN
-
vin4a_d3
-
P6
gpmc_a4
2404
54
2415
0
CFG_GPMC_A4_IN
-
vin4a_d4
-
R9
gpmc_a5
2201
78
2245
0
CFG_GPMC_A5_IN
-
vin4a_d5
-
R5
gpmc_a6
1959
0
1923
0
CFG_GPMC_A6_IN
-
vin4a_d6
-
P5
gpmc_a7
2405
0
2333
0
CFG_GPMC_A7_IN
-
vin4a_d7
-
N1
gpmc_advn_ale
1989
0
1979
0
CFG_GPMC_ADVN_ALE_IN
-
vin4a_vsync0
-
P7
gpmc_clk
2016
0
2005
0
CFG_GPMC_CLK_IN
-
vin4a_hsync0
vin4a_de0
H6
gpmc_cs1
1394
0
1407
0
CFG_GPMC_CS1_IN
-
vin4a_de0
-
D11
vout1_clk
2388
0
2659
0
CFG_VOUT1_CLK_IN
vin4a_fld0
-
-
F11
vout1_d0
2747
236
3085
168
CFG_VOUT1_D0_IN
vin4a_d16
-
-
G10
vout1_d1
2593
208
3032
40
CFG_VOUT1_D1_IN
vin4a_d17
-
-
D7
vout1_d10
2559
27
2856
0
CFG_VOUT1_D10_IN
vin4a_d10
-
-
D8
vout1_d11
2754
12
3036
0
CFG_VOUT1_D11_IN
vin4a_d11
-
-
A5
vout1_d12
2611
16
2898
0
CFG_VOUT1_D12_IN
vin4a_d12
-
-
C6
vout1_d13
2509
0
2779
0
CFG_VOUT1_D13_IN
vin4a_d13
-
-
C8
vout1_d14
2719
158
3082
67
CFG_VOUT1_D14_IN
vin4a_d14
-
-
C7
vout1_d15
2653
0
2923
0
CFG_VOUT1_D15_IN
vin4a_d15
-
-
B7
vout1_d16
2498
0
2769
0
CFG_VOUT1_D16_IN
vin4a_d0
-
-
B8
vout1_d17
2606
0
2873
0
CFG_VOUT1_D17_IN
vin4a_d1
-
-
A7
vout1_d18
2410
0
2680
0
CFG_VOUT1_D18_IN
vin4a_d2
-
-
A8
vout1_d19
2074
0
2342
0
CFG_VOUT1_D19_IN
vin4a_d3
-
-
F10
vout1_d2
2671
3
2944
0
CFG_VOUT1_D2_IN
vin4a_d18
-
-
228
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com