| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 256 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 256 Page - Texas Instruments |
|
256 / 415 page ![]() GPMC_FCLK gpmc_clk gpmc_csi gpmc_a[ :1] 27 gpmc_ben0 gpmc_be 1 n gpmc_ _ale advn gpmc_oen_ren gpmc_ d[15:0] a gpmc_waitj DIR Address 0 Address 1 Valid Valid Valid Valid Data Upper OUT OUT IN OUT IN FA9 FA10 FA3 FA9 FA3 FA13 FA13 FA1 FA1 FA4 FA4 FA12 FA12 FA10 FA0 FA0 FA16 FA0 FA0 FA10 FA10 FA5 FA5 FA14 FA15 FA14 FA15 GPMC_08 AM5728, AM5726 SPRS915O – MARCH 2014 – REVISED OCTOBER 2015 www.ti.com Figure 7-14. GPMC / NOR Flash - Asynchronous Read - 32-bit Timing(1)(2)(3) (1) In gpmc_csi, i = 0 to 7. In gpmc_waitj, j = 0 to 1. (2) FA5 parameter illustrates amount of time required to internally sample input Data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input Data will be internally sampled by active functional clock edge. FA5 value should be stored inside AccessTime register bits field. (3) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. (4) The "DIR" (direction control) output signal is NOT pinned out on any of the device pads. It is an internal signal only representing a signal direction on the GPMC data bus. 256 Timing Requirements and Switching Characteristics Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5728 AM5726 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |