Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 207 Page - Texas Instruments

Back Button DM385 Datasheet HTML 203Page - Texas Instruments DM385 Datasheet HTML 204Page - Texas Instruments DM385 Datasheet HTML 205Page - Texas Instruments DM385 Datasheet HTML 206Page - Texas Instruments DM385 Datasheet HTML 207Page - Texas Instruments DM385 Datasheet HTML 208Page - Texas Instruments DM385 Datasheet HTML 209Page - Texas Instruments DM385 Datasheet HTML 210Page - Texas Instruments DM385 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 281 page
background image
R
LOAD
Reconstruction
Filter
HDDAC_x
75 W
SD:
9.5 MHz
ED:
18 MHz
HD:
36 MHz
1080p: 72 MHz
Amplifier
4.5 V/V
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.10.3 Video HD-DAC Guidelines and Electrical Data/Timing
The device's analog video HD-DAC outputs are designed to drive a 165-
Ω load. An external video
buffer/amplifier is required to provide additional gain (4.5V/V) and to drive the actual video outputs. 75-
Ω
back termination resistors should be connected in series with the video buffer output pins. For component
video applications, a reconstruction filter should precede the video buffer. One solution is to use a video
buffer/amplifier with integrated reconstruction filter, such as the Texas Instruments THS7360, which
provides a complete solution for the typical output circuit, shown in Figure 8-43.
Figure 8-43. Typical Output Circuits for Analog Video from DACs
During board design, the onboard traces and parasitics must be matched for the channel. The video HD-
DAC output pins (HDDAC_x) are very high-frequency analog signals and must be routed with extreme
care. As a result, the path of this signal must be as short as possible, and as isolated as possible from
other interfering signals. Other schematic and layout guidelines include:
•
The correct external video gain (4.5V/V) must always be provided (even when not using the
recommended video buffer). The recommended video buffer is the THS7360.
•
The load resistor (RLOAD) should be placed as close as possible (< 0.5 in.) to the THS7360 video
buffer input pins.
•
The 75-
Ω series resistors should be placed as close as possible (< 0.5 in.) to the THS7360 video
buffer output pins.
•
The trace lengths within a video format group should match as close as possible (for example, for
component video outputs, the Y, Pb, and Pr trace lengths should match each other).
•
The characteristic impedance of the HD-DAC output signal traces should match the HD-DAC load
value (165
Ω) as close as possible (±10%). The minimum trace width may limit how closely these
impedances can be matched.
•
The characteristic impedance of the video buffer output signal traces should match the back
termination value (75
Ω) as close as possible (±10%). The minimum trace width may limit how closely
these impedances can be matched.
•
To provide adequate frequency response on the VGA/YPbPr output, recommend the following:
–
The length of the signal traces from the HD-DAC output pins to the THS7360 video buffer input pins
should be minimized (< 1 in.) to reduce parasitic capacitance (~2 pF per inch).
–
Ensure the THS7360 reconstruction filter is properly programmed for each output format.
–
Enable 2x up-sampling for 720p/1080i component video outputs.
•
To minimize noise on the VGA/YPbPr output, recommend the following:
–
The HD-DAC power supply pins (VDDA_REF_1P8V, VDDA_HD_1P8V) should be connected to a
low-noise 1.8-V analog supply. Use a dedicated voltage regulator for best noise performance.
–
The THS7360 power supply pin should be connected to a low-noise 3.3-V analog supply. Use a
dedicated voltage regulator for best noise performance.
–
Special care should be taken to provide adequate power supply decoupling on all analog supply
pins (for example, ferrite bead and bypass capacitor).
–
Provide a ground guard adjacent to analog video signal traces to minimize noise coupling.
–
Provide a low impedance path to ground for the shield of the VGA/YPbPr output connector.
–
Include solid ground return paths.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
207
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com