Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 235 Page - Texas Instruments

Back Button DM385 Datasheet HTML 231Page - Texas Instruments DM385 Datasheet HTML 232Page - Texas Instruments DM385 Datasheet HTML 233Page - Texas Instruments DM385 Datasheet HTML 234Page - Texas Instruments DM385 Datasheet HTML 235Page - Texas Instruments DM385 Datasheet HTML 236Page - Texas Instruments DM385 Datasheet HTML 237Page - Texas Instruments DM385 Datasheet HTML 238Page - Texas Instruments DM385 Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 281 page
background image
DDR[0] Keep Out Region
Encompasses Entire DDR[0] Routing Area
DDR3 Controller
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-65. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X1(1)(2)(3)
1000
Mils
2
X2(1)(2)
600
Mils
3
Y Offset(1)(2)(3)
1500
Mils
4
DDR3 keepout region
5
Clearance from non-DDR3 signal to DDR3 keepout region(4)(5)
4
w
(1)
For dimension definitions, see Figure 8-58.
(2)
Measurements from center of processor to center of DDR3 device.
(3)
Minimizing X1 and Y improves timing margins.
(4)
w is defined as the signal trace width.
(5)
Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane.
8.13.3.7 DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 8-59. The size of this region varies with the
placement and DDR routing. Additional clearances required for the keepout region are shown in Table 8-
65. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout region.
Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from the
DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in this
region. In addition, the 1.35-V/1.5-V DDR3L/DDR3 power plane should cover the entire keepout region.
Also note that the DDR3 controller's signals should be separated from each other by the specification in
item 5 (see Table 8-65 for item 5 specification).
Figure 8-59. DDR3 Keepout Region
8.13.3.8 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry.
Table 8-66 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the DDR3 controller and DDR3 devices. Additional bulk
bypass capacitance may be needed for other circuitry.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
235
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com